Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

743SYGD Arkusz danych(PDF) 3 Page - Everlight Electronics Co., Ltd

Numer części 743SYGD
Szczegółowy opis  2.0*5.0mm Rectangular Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EVERLIGHT [Everlight Electronics Co., Ltd]
Strona internetowa  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

743SYGD Arkusz danych(HTML) 3 Page - Everlight Electronics Co., Ltd

  743SYGD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 743SYGD Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
2.0*5.0mm Rectangular Type LED Lamps
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
20
mA
2.0
2.4
V
IR
VR=
5V
//
10
μA
Iv
IF=
20
mA
2.5
5.0
mcd
2θ1/2
IF=
20
mA
130
deg
λp
IF=
20
mA
575
nm
λd
IF=
20
mA
573
nm
△λ
IF=
20
mA
20
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 3 of 6
Device Number : CDLE-074-020
Prepared date:
Prepared by:
Jin Mei Feng
743SYGD/S530-E2
Peak Wavelength
2005/6/30
Dominant Wavelength
Spectrum Radiation
Bandwidth
Luminous Intensity
Viewing Angle
Parameter
Condition
Forward Voltage
Reverse Current


Podobny numer części - 743SYGD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
743SDRD EVERLIGHT-743SDRD Datasheet
94Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
743SDRD/S530-A3 EVERLIGHT-743SDRD/S530-A3 Datasheet
94Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
743SURD EVERLIGHT-743SURD Datasheet
112Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
743SURD/S530-A3 EVERLIGHT-743SURD/S530-A3 Datasheet
112Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
More results

Podobny opis - 743SYGD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
743UYD EVERLIGHT-743UYD Datasheet
93Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
logo
BetLux Electronics
BL-L2516 BETLUX-BL-L2516 Datasheet
239Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
BL-L2506 BETLUX-BL-L2506 Datasheet
241Kb / 4P
   2.0*5.0mm Rectangular Type LED Lamps
logo
Everlight Electronics C...
743SDRD EVERLIGHT-743SDRD Datasheet
94Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
743SURD EVERLIGHT-743SURD Datasheet
112Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
514SYGT EVERLIGHT-514SYGT Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SYGD EVERLIGHT-523-2SYGD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523SURD-S530-A3 EVERLIGHT-523SURD-S530-A3 Datasheet
118Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523UYD-S530-A3 EVERLIGHT-523UYD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com