Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAP63-02 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BAP63-02
Szczegółowy opis  Silicon PIN diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP63-02 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BAP63-02 Datasheet HTML 1Page - NXP Semiconductors BAP63-02 Datasheet HTML 2Page - NXP Semiconductors BAP63-02 Datasheet HTML 3Page - NXP Semiconductors BAP63-02 Datasheet HTML 4Page - NXP Semiconductors BAP63-02 Datasheet HTML 5Page - NXP Semiconductors BAP63-02 Datasheet HTML 6Page - NXP Semiconductors BAP63-02 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NXP Semiconductors
Product specification
Silicon PIN diode
BAP63-02
GRAPHICAL DATA
handbook, halfpage
10
1
10−1
MGW126
10−1
110
IF (mA)
rD
(
Ω)
102
Fig.2
Forward resistance as a function of
forward current; typical values.
f = 100 MHz; Tj =25 °C.
handbook, halfpage
020
400
0
100
MGW127
200
300
4
8
12
16
VR (V)
Cd
(fF)
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
0123
0
−0.1
−0.3
−0.5
−0.4
−0.2
MGW128
f (GHz)
|s21|
2
(dB)
(1)
(2)
(3)
(4)
Fig.4
Insertion loss (
|s21|2) of the diode in on-state
as a function of frequency; typical values.
Diode inserted in series with a 50
Ω stripline circuit and
biased via the analyzer Tee network.
Tamb =25 °C.
(3) IF = 1 mA.
(4) IF =0.5 mA.
(1) IF = 100 mA.
(2) IF =10mA.
handbook, halfpage
0123
0
−10
−30
−40
−20
MGW129
f (GHz)
|s21|
2
(dB)
Fig.5
Isolation (
|s21|2) of the diode in off-state as a
function of frequency; typical values.
Diode zero biased and inserted in series with a 50
Ω stripline circuit.
Tamb =25 °C.
Rev. 04 - 8 January 2008
4 of 7


Podobny numer części - BAP63-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAP63-02 PHILIPS-BAP63-02 Datasheet
69Kb / 8P
   Silicon PIN diode
2001 May 18
logo
Guangdong Kexin Industr...
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP63-02 NXP-BAP63-02 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BAP63-02 JMNIC-BAP63-02_15 Datasheet
73Kb / 8P
   Silicon PIN diode
BAP63-02_2015 JMNIC-BAP63-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results

Podobny opis - BAP63-02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com