Zakładka z wyszukiwarką danych komponentów |
|
S-1132B19-I6T2G Arkusz danych(PDF) 5 Page - Seiko Instruments Inc |
|
S-1132B19-I6T2G Arkusz danych(HTML) 5 Page - Seiko Instruments Inc |
5 / 35 page HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR Rev.3.2_00 S-1132 Series Seiko Instruments Inc. 5 Pin Configuration Table 2 Pin No. Symbol Description 1 VIN Input voltage pin 2 VSS GND pin 3 ON/OFF Shutdown pin 4 NC *1 No connection 5 VOUT Output voltage pin *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. 5 4 1 3 2 SOT-23-5 Top view Figure 2 Table 3 Pin No. Symbol Description 1 VOUT Output voltage pin 2 VSS GND pin 3 NC *1 No connection 4 ON/OFF Shutdown pin 5 VIN Input voltage pin *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. 5 4 1 3 2 SOT-89-5 Top view Figure 3 Table 4 Pin No. Symbol Description 1 VOUT Output voltage pin 2 VSS GND pin 3 NC *1 No connection 4 ON/OFF Shutdown pin 5 VSS GND pin SNT-6A(H) Top view 1 2 3 4 6 5 6 VIN Input voltage pin Figure 4 *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. |
Podobny numer części - S-1132B19-I6T2G |
|
Podobny opis - S-1132B19-I6T2G |