Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM-HRR60-433 Arkusz danych(PDF) 1 Page - rfsolutions.ltd

Numer części AM-HRR60-433
Szczegółowy opis  MINIATURE AM SUPER-REGEN RECEIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFSOLUTIONS [rfsolutions.ltd]
Strona internetowa  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-HRR60-433 Arkusz danych(HTML) 1 Page - rfsolutions.ltd

  AM-HRR60-433 Datasheet HTML 1Page - rfsolutions.ltd AM-HRR60-433 Datasheet HTML 2Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS014-1
April 04
©2004 Reg. No 277 4001, England
Page 1
M
MIIN
NIIA
AT
TU
UR
RE
E
A
AM
M S
SU
UP
PE
ER
R
--R
RE
EG
GE
EN
N
R
RE
EC
CE
EIIV
VE
ER
R
A
AM
M--H
HR
RR
R3
30
0--X
XX
XX
X
50% smaller than standard hybrid modules.
Standard Frequencies; 315, 433MHz
Frequencies Available: 300-450MHz
Very High Frequency Stability (No Adjustable Components).
Receiving Range Up To 50 Metres.
CMOS/TTL Compatible Output.
Compatible With R.F. Solutions AM Transmitters.
Patented Laser Trimmed Inductor.
Compliant To ETSI300-220.
Requires No Radio Licence To Operate.
Description
The R.F. Solutions Miniature AM ‘Super Regen’ Receiver module is an extremely compact hybrid RF
receiver, which can be used to capture undecoded data from any AM Transmitter, such as R.F. Solutions
AM-RT4 / 5 range of transmitters. (See AM Transmitter datasheet DS013).
These modules show a very high frequency stability over a wide operating temperature even when
subjected to mechanical vibrations or manual handling. A unique laser trimming process which has been
patented gives a very accurate on board inductor, removing the need for any adjustable components.
All receivers are compatible, producing a CMOS/TTL output, and require connections to power and
antenna only.
RF Solutions also offer a range of Super Heterodyne Receivers, for data on these products (please see
Datasheet DS017).
Block Diagram
Part Numbers
The following modules are available from stock although any frequency between 300-450MHz is available
upon request.
Part Number
Description
AM-HRR30-433
Compact Hybrid Receiver Module, 433MHz
AM-HRR60-433
Compact Hybrid Receiver Module, 433MHz


Podobny numer części - AM-HRR60-433

ProducentNumer częściArkusz danychSzczegółowy opis
logo
rfsolutions.ltd
AM-HRR6-XXX RFSOLUTIONS-AM-HRR6-XXX Datasheet
103Kb / 5P
   AM SUPER REGENERATIVE RECEIVERS
More results

Podobny opis - AM-HRR60-433

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
logo
TEMIC Semiconductors
TDA1072A TEMIC-TDA1072A Datasheet
253Kb / 8P
   AM Receiver Circuit
logo
Gunter Seniconductor Gm...
TCA440 GSG-TCA440 Datasheet
162Kb / 12P
   AM - Receiver Circuit
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com