Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS175T48-12 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części GS175T48-12
Szczegółowy opis  120W/175W DC-DC CONVERTERS FAMILY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS175T48-12 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button GS175T48-12 Datasheet HTML 2Page - STMicroelectronics GS175T48-12 Datasheet HTML 3Page - STMicroelectronics GS175T48-12 Datasheet HTML 4Page - STMicroelectronics GS175T48-12 Datasheet HTML 5Page - STMicroelectronics GS175T48-12 Datasheet HTML 6Page - STMicroelectronics GS175T48-12 Datasheet HTML 7Page - STMicroelectronics GS175T48-12 Datasheet HTML 8Page - STMicroelectronics GS175T48-12 Datasheet HTML 9Page - STMicroelectronics GS175T48-12 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Figure 3.
Figure 4.
Figure 5.
Figure 6.
8/10
Finned heatsink option
An additional finned heatsink is available (type or-
dering number HS01) to allow the user to decrease
the total thermal resistance of the module to a
typical value of 2.8
°C/W. The heatsink is suitable
both for standard (4-40 UNC threading) and E
version (M3 threading); screw length in the range
of 6 to 8 mm (0.24 to 0.32”). See fig. 7.
GS120/175T48 FAMILY


Podobny numer części - GS175T48-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
logo
Yuan Dean Scientific., ...
GS1 YUANDEAN-GS1 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05 YUANDEAN-GS1-S05 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05F YUANDEAN-GS1-S05F Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S09 YUANDEAN-GS1-S09 Datasheet
269Kb / 2P
   AC-DC Converter
More results

Podobny opis - GS175T48-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
STMicroelectronics
GS70T300 STMICROELECTRONICS-GS70T300 Datasheet
91Kb / 10P
   70W/100W DC-DC CONVERTERS FAMILY
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
logo
Ningbo Leison Motor Co....
LS-Z5D120-5GU NINGBO-LS-Z5D120-5GU Datasheet
750Kb / 1P
   DC Motor 120W
logo
Murata Manufacturing Co...
MYPMA01218RCF-CAB MURATA-MYPMA01218RCF-CAB Datasheet
622Kb / 6P
   120W DC-DC converter(216W peak)
logo
BOSER Technology Co., L...
BPW-8110 BOSER-BPW-8110 Datasheet
156Kb / 1P
   120W DC-DC Open Frame Power Supply
logo
Mean Well Enterprises C...
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
   120W DIN Rail Rype DC-DC Converter
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com