Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH240 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74LVTH240
Szczegółowy opis  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH240 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74LVTH240 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH240 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH240 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH240 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH240 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH240 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH240 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH240 Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH240 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT240, 74LVTH240 Rev. 1.5.0
5
Dynamic Switching Characteristics(7)
Notes:
7. Characterized in SOIC package. Guaranteed parameter, but not tested.
8. Max number of outputs defined as (n). n–1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Notes:
9. All typical values are at VCC = 3.3V, TA = 25°C.
10. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance(11)
Note:
11. Capacitance is measured at frequency f
= 1MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
CL = 50pF, RL = 500Ω
Min.
Typ.
Max.
VOLP
Quiet Output Maximum
Dynamic VOL
3.3
(8)
0.8
V
VOLV
Quiet Output Minimum
Dynamic VOL
3.3
(8)
–0.8
V
Symbol
Parameter
TA = –40°C to +85°C
CL = 50pF, RL = 500Ω
Units
VCC = 3.3V ±0.3V
VCC = 2.7V
Min.
Typ.(9)
Max.
Min.
Max.
tPLH
Propagation Delay, Data to Output
1.1
3.8
1.1
4.6
ns
tPHL
1.3
4.0
1.3
4.2
tPZH
Output Enable Time
1.1
4.6
1.1
5.6
ns
tPZL
1.4
4.4
1.4
5.1
tPHZ
Output Disable Time
2.0
4.5
2.0
4.7
ns
tPLZ
1.8
4.3
1.8
4.3
tOSHL, tOSLH Output to Output Skew
(10)
1.0
1.0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = 0V, VI = 0V or VCC
3pF
COUT
Output Capacitance
VCC = 3.0V, VO = 0V or VCC
6pF


Podobny numer części - 74LVTH240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH240 FAIRCHILD-74LVTH240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVTH240 ONSEMI-74LVTH240 Datasheet
321Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVTH240MSA FAIRCHILD-74LVTH240MSA Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVTH240MSA ONSEMI-74LVTH240MSA Datasheet
321Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVTH240MSAX FAIRCHILD-74LVTH240MSAX Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

Podobny opis - 74LVTH240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com