Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FFP30S60S Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FFP30S60S
Szczegółowy opis  STEALTH II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP30S60S Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FFP30S60S Datasheet HTML 1Page - Fairchild Semiconductor FFP30S60S Datasheet HTML 2Page - Fairchild Semiconductor FFP30S60S Datasheet HTML 3Page - Fairchild Semiconductor FFP30S60S Datasheet HTML 4Page - Fairchild Semiconductor FFP30S60S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FFP30S60S Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
Figure 2. Typical Reverse Current
vs. Forward Current
vs. Reverse Voltage
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Figure 6. Forward Current Derating Curve
Current vs. di/dt
012345
1
10
100
75
o
C
T
C = 125
o
C
Forward Voltage, V
F
[V]
25
o
C
200
100
200
300
400
500
600
0.01
0.1
1
10
100
1000
T
C = 125
o
C
T
C = 25
o
C
T
C = 75
o
C
Reverse Voltage, V
R [V]
10
0.1
1
10
100
0
70
140
210
280
350
Typical Capacitance
at 0V = 271 pF
Reverse Voltage, V
R
[V]
100
150
200
250
300
20
40
60
80
100
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
di/dt [A/µs]
25
50
75
100
125
150
0
10
20
30
40
50
60
70
Case temperature, T
C
[
o
C]
100
150
200
250
300
0
2
4
6
8
10
T
C = 125
o
C
T
C = 25
o
C
T
C = 75
o
C
di/dt [A/µs]


Podobny numer części - FFP30S60S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micross Components
FFP30S60S MICROSS-FFP30S60S Datasheet
736Kb / 3P
   Low Stored Charge
logo
Thinki Semiconductor Co...
FFP30S60S THINKISEMI-FFP30S60S Datasheet
2Mb / 4P
   ThinkiSemi 30Amperes,600Volts SwitchMode Ultrafast Recovery Epitaxial Diode
logo
Fairchild Semiconductor
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
logo
Inchange Semiconductor ...
FFP30S60S ISC-FFP30S60S Datasheet
275Kb / 2P
   Ultrafast Recovery Diode
2023-8-29
logo
Thinki Semiconductor Co...
FFP30S60STU THINKISEMI-FFP30S60STU Datasheet
2Mb / 4P
   ThinkiSemi 30Amperes,600Volts SwitchMode Ultrafast Recovery Epitaxial Diode
More results

Podobny opis - FFP30S60S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FFD08S60S-F085 ONSEMI-FFD08S60S-F085 Datasheet
410Kb / 5P
   Rectifier – STEALTH II 8 A, 600 V
January, 2021 - Rev. 4
logo
Fairchild Semiconductor
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFPF08S60S FAIRCHILD-FFPF08S60S Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFH30S60S FAIRCHILD-FFH30S60S Datasheet
252Kb / 5P
   Stealth 2 Rectifier
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFH15S60S FAIRCHILD-FFH15S60S Datasheet
259Kb / 5P
   Stealth 2 Rectifier
ISL9R1560G_F085 FAIRCHILD-ISL9R1560G_F085 Datasheet
550Kb / 6P
   15A, 600V Stealth Rectifier
ISL9R3060G_F085 FAIRCHILD-ISL9R3060G_F085 Datasheet
510Kb / 6P
   30A, 600V Stealth Rectifier
logo
JDS Uniphase Corporatio...
SDA-4040D JDSU-SDA-4040D Datasheet
754Kb / 8P
   Stealth Digital Analyzer
logo
Fairchild Semiconductor
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com