Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-7GLFM Arkusz danych(PDF) 1 Page - Sumida Corporation

Numer części P-7GLFM
Szczegółowy opis  IFT COILS < Pin Type: P-7 Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-7GLFM Arkusz danych(HTML) 1 Page - Sumida Corporation

  P-7GLFM Datasheet HTML 1Page - Sumida Corporation P-7GLFM Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: P-7GL/AM, P-7GL/FM, P-7GL/MW, P-7GL/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
IFT COILS < Pin Type: P-7 Series>
Product Description
・7.6×7.6mm Max.(L×W), 8.7mm Max. Height.
・Inductance:1~820µH Max.
・Operating frequency:20MHz Max.
・In addition to the reference versions of parameters shown here,custom designs
are available to meet your exact requirements
Feature
・Variable shielded type.
・AM,FM,MW,SW types are available.
・Internally assembled condenser is available.
・Ideally used in Radio (FM,AM,MW,SW),TV. Transceiver
・RoHS Compliance
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
* Dimension without tolerance are approx.
.
Connection (Bottom View)
`
P-7GL/AM
P-7GL/FM
P-7GL/MW
P-7GL/SW
“S” is winding start.
S
7.5
4 .5 ± 0.2
7.3 ±0.3
3.0-0.5
8 .2 ±0.5
+1.0
③④
S
③④
S
S
③④
S


Podobny numer części - P-7GLFM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
P-7GBAM SUMIDA-P-7GBAM Datasheet
43Kb / 2P
   IFT COILS
P-7GBFM SUMIDA-P-7GBFM Datasheet
43Kb / 2P
   IFT COILS
P-7GBLW SUMIDA-P-7GBLW Datasheet
43Kb / 2P
   IFT COILS
P-7GBMW SUMIDA-P-7GBMW Datasheet
43Kb / 2P
   IFT COILS
More results

Podobny opis - P-7GLFM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
P-7GJ SUMIDA-P-7GJ Datasheet
36Kb / 2P
   IFT COILS < Pin Type: P-7 Series>
P-4SBAM SUMIDA-P-4SBAM Datasheet
37Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-5LG SUMIDA-P-5LG Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG SUMIDA-P-5LG_1 Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-4SB SUMIDA-P-4SB Datasheet
159Kb / 1P
   IFT COILS< Pin Type: P-4 Series>
P-7LC SUMIDA-P-7LC Datasheet
44Kb / 2P
   IFT COILS< Pin Type:P-7 Series>
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
   IFT COILS < Pin Type: MG Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
   IFT Coils < Pin Type: PG Series>
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
   IFT COILS < Pin Type: PG Series>
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com