Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4002 Arkusz danych(PDF) 2 Page - DIOTEC Electronics Corporation

Numer części 1N4002
Szczegółowy opis  1 AMP GENERAL PURPOSE SILICON DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DEC [DIOTEC Electronics Corporation]
Strona internetowa  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

1N4002 Arkusz danych(HTML) 2 Page - DIOTEC Electronics Corporation

  1N4002 Datasheet HTML 1Page - DIOTEC Electronics Corporation 1N4002 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES 1N4001 - 1N4007
Data Sheet No. GPDP-101-2B
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
FIGURE 1. FORWARD CURRENT DERATING CURVE
Ambient Temperature, C
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
1 AMP GENERAL PURPOSE SILICON DIODES
H2
0.6
0.2
0
0.4
0.8
1.0
1.2
0
50
100
150
180
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Instantaneous Forward Voltage (Volts)
0.6
0.7
08
0.9
1.0
1.1
1.2
1.3
0.01
0.1
1.0
FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
Reverse Voltage, (Volts)
FIGURE 6. PEAK FORWARD SURGE CURRENT
T = 25 C
J
o
Pulse Duration (Milliseconds)
.01
0.1
1.0
10
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
0
40
.1


Podobny numer części - 1N4002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Diodes Incorporated
1N4002 DIODES-1N4002 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results

Podobny opis - 1N4002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIOTEC Electronics Corp...
GP600 DEC-GP600 Datasheet
400Kb / 2P
   6 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
BA5A5 EDAL-BA5A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 1.0 AMP DIODES
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391 Datasheet
277Kb / 2P
   1.5 AMP GENERAL PURPOSE SILICON DIODES
1N5400 DEC-1N5400 Datasheet
291Kb / 2P
   3 AMP GENERAL PURPOSE SILICON DIODES
logo
Edal Industries, Inc.
B8A5 EDAL-B8A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 2.0 AMP DIODES
M5A5 EDAL-M5A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 5.0 AMP DIODES
M7A5 EDAL-M7A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 6.0 AMP DIODES
MA4A5 EDAL-MA4A5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 3.0 AMP DIODES
logo
Central Semiconductor C...
CMR1-02M CENTRAL-CMR1-02M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP
logo
Compensated Deuices Inc...
1N5194UR CDI-DIODE-1N5194UR Datasheet
33Kb / 2P
   GENERAL PURPOSE SILICON DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com