Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF840 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części IRF840
Szczegółowy opis  N - CHANNEL 500V - 0.75ohm - 8A - TO-220 PowerMESH] MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF840 Arkusz danych(HTML) 1 Page - STMicroelectronics

  IRF840 Datasheet HTML 1Page - STMicroelectronics IRF840 Datasheet HTML 2Page - STMicroelectronics IRF840 Datasheet HTML 3Page - STMicroelectronics IRF840 Datasheet HTML 4Page - STMicroelectronics IRF840 Datasheet HTML 5Page - STMicroelectronics IRF840 Datasheet HTML 6Page - STMicroelectronics IRF840 Datasheet HTML 7Page - STMicroelectronics IRF840 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF840
N - CHANNEL 500V - 0.75
Ω - 8A - TO-220
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.75
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
This power MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY
™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
®
INTERNAL SCHEMATIC DIAGRAM
August 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Volt age (VGS =0)
500
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
500
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
o C8.0
A
ID
Drain Current (continuous) at Tc =100
oC5.1
A
IDM(
•)
Drain Current (pulsed)
32
A
Ptot
Tot al Dissipation at Tc =25
oC125
W
Derating F act or
1.0
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
3.5
V/ ns
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤ 8A, di/dt ≤ 100 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
First Digit of the Datecode Being Z or K Identifies Silicon Characterized in this Datasheet
TYPE
VDSS
RDS(on)
ID
IRF840
500 V
< 0.85
8A
1
2
3
TO-220
1/8


Podobny numer części - IRF840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
IRF840 MOTOROLA-IRF840 Datasheet
146Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
Suntac Electronic Corp.
IRF840 SUNTAC-IRF840 Datasheet
132Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
IRF840 ETC2-IRF840 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
IRF840 PHILIPS-IRF840 Datasheet
60Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
Inchange Semiconductor ...
IRF840 ISC-IRF840 Datasheet
118Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Podobny opis - IRF840

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
IRF840 STMICROELECTRONICS-IRF840_02 Datasheet
218Kb / 8P
   N-CHANNEL 500V - 0.75廓 - 8A TO-220 PowerMesh?줚I MOSFET
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
   N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH?줚I MOSFET
STP7NB30 STMICROELECTRONICS-STP7NB30 Datasheet
108Kb / 9P
   N - CHANNEL 300V - 0.75ohm - 7A - TO-220/TO-220FP PowerMESH MOSFET
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
   N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh?줚I MOSFET
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
logo
MagnaChip Semiconductor...
MDP12N50F MGCHIP-MDP12N50F Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.75ohm
logo
STMicroelectronics
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com