Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29010IROZ-T7 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL29010IROZ-T7
Szczegółowy opis  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29010IROZ-T7 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL29010IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29010IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29010IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29010IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29010IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29010IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29010IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29010IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29010IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6414.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL29010
Light-to-Digital Output Sensor with High
Sensitivity, Gain Selection, and I2C
Interface
The ISL29010 is an integrated light sensor with I2C
interface. It has an internal signed15-bit integrating type
ADC designed based on the charge-balancing conversion
technique. This ADC is capable of rejecting 50Hz and 60Hz
flicker caused by artificial light sources. The lux range select
feature allows the user to program the lux range for
optimized counts/lux.
In normal operation, power consumption is typically 250µA.
Furthermore, a power-down mode can be controlled by
software via the I2C interface, reducing power consumption
to less than 1µA.
Designed to operate on supplies from 2.5V to 3.3V, the
ISL29010 is specified for operation over the -40°C to +85°C
ambient temperature range.
Block Diagram
Features
• Range select via I2C
- Range 1 = 0 lux to 2,000 lux
- Range 2 = 0 lux to 8,000 lux
- Range 3 = 0 lux to 32,000 lux
- Range 4 = 0 lux to 128,000 lux
• Human eye response (540nm peak sensitivity)
• Temperature compensated
• Signed 15-bit resolution
• Adjustable resolution: up to 20 counts per lux
• 1 bit I2C address selection
• Simple output code, directly proportional to lux
• IR + UV rejection
• 50Hz/60Hz rejection
• 2.5V to 3.3V supply
• 6 Ld ODFN (2.1mmx2mm)
• Pb-free (RoHS compliant)
• Operating temperature range: -40°C to +85°C
Applications
• Display and keypad backlight dimming for
- Mobile Devices: Smart phone, PDA, and GPS
- Computing devices: Notebook PC, UMPC web pod
- Consumer devices: LCD-TV, digital picture frame, and
digital cameras
• Industrial and medical light sensing
Pinout
ISL29010
(6 LD ODFN)
TOP VIEW
Ordering Information
PART NUMBER
(Note)
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL29010IROZ-T7*
-40 to +85
6 Ld ODFN
L6.2x2.1
ISL29010IROZ-EVALZ
Evaluation Board
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate - e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
VDD
REXT
GND
SDA
SCL
COMMAND
REGISTER
INTEGRATING
ADC
DATA
REGISTER
I2C
PHOTODIODE
LIGHT
3
2
5
6
1
FOSC
IREF
COUNTER
216
EXT
4
A0
ISL29010
TIMING
PROCESS
ARRAY
DATA
1
2
3
6
5
4
VDD
GND
REXT
SDA
SCL
A0
Data Sheet
February 13, 2008


Podobny numer części - ISL29010IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29010IROZ-T7 RENESAS-ISL29010IROZ-T7 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results

Podobny opis - ISL29010IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Intersil Corporation
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com