Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1SS404 Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części 1SS404
Szczegółowy opis  Silicon Epitaxial Planar Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1SS404 Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1SS404 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1SS404 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Diode
1SS404
Document number: BL/SSSDB007
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Lead-free
Small surface mounting type.
High speed.
High reliability with high surge current handing capability
APPLICATIONS
SOD-323
High speed switching
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS404
S51
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
25
V
DC Reverse Voltage
VR
20
V
Peak forward Current
IFM
700
mA
Average Rectified Output Current
IO
300
mA
Junction temperature
Tj
125
Storage temperature
TSTG
-55~+125
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Max.
Unit
Conditions
Forward voltage
VF
0.16
0.22
0.38
V
IF=1mA
IF=100mA
IF=300mA
Reverse current
IR
50
μA
VR=20V
Capacitance between terminals
CT
46
pF
VR=0V,f=1MHz


Podobny numer części - 1SS404

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
logo
Toshiba Semiconductor
1SS404 TOSHIBA-1SS404 Datasheet
120Kb / 3P
   Silicon Epitaxial Schottky Barrier Type
logo
Rectron Semiconductor
1SS404 RECTRON-1SS404 Datasheet
137Kb / 3P
   HIGH SPEED SWITCHING DIODES
logo
Micro Commercial Compon...
1SS404 MCC-1SS404 Datasheet
162Kb / 2P
   High Speed Switching Diode
logo
Shenzhen Luguang Electr...
1SS404 LUGUANG-1SS404 Datasheet
236Kb / 1P
   Silicon Epitaxial Planar Diode
More results

Podobny opis - 1SS404

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com