Zakładka z wyszukiwarką danych komponentów |
|
1N4004 Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
1N4004 Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 2 page GALAXY ELECTRICAL FEATURES Low cos t D iffus ed junction Low leakage Low forward voltage drop H igh current capability and s im ilar s olvents MECHANICAL DATA C as e:JEDEC D O--41,m olded plas tic Term inals : Axial lead ,s olderable per MIL- STD -202,Method 208 Polarity: C olor band denotes cathode Weight: 0.012ounces ,0.34 gram s Mounting pos ition: Any M AXIM UM RAT INGS AND ELECT RICAL CHARACT ERIST ICS R atings at 25 am bient tem perature unles s otherw is e s pecified. Single phas e,half w ave,60 H z,res is tive or inductive load. For capacitive load,derate by 20% . 1N 4003 1N 4004 1N 4005 1N 4006 1N 4007 UNITS Max imum recurrent peak rev ers e voltage VRRM 200 400 600 800 1000 V Max imum RMS v oltage VRMS 140 280 420 560 700 V Max imum DC blocking voltage VDC 200 400 600 800 1000 V Max imum average f orw ard rectif ied c urrent 9.5mm lead lengths , @T A =75 Peak f orw ard surge c urrent 8.3ms s ingle half -s ine-w av e s uperimposed on rated load @T J =125 Max imum instantaneous f orw ard v oltage @ 1.0 A VF V Max imum revers e current @T A =25 at rated DC blocking v oltage @T A =100 Typical junc tion capac itanc e (Note1) CJ pF Typical thermal res istance (Note2) RθJA /W Operating junction temperature range TJ Storage temperature range TSTG 50 35 50 1N 4001 15 1.0 50 2. Thermal resistance from junction to ambient. A 50.0 1N4001---1N4007 A 5.0 Eas ily cleaned w ith Freon,Alcohol,Is opropanol IF(AV) 1.0 PLAST IC SILICON RECT IFIER The plas tic m aterial carries U /L recognition 94V-0 A 40.0 IFSM NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. - 55 ---- + 150 - 55 ---- + 150 IR 100 70 VOLT AGE RANG E: 50 --- 1000 V CURRENT : 1.0 A DO - 41 100 1N 4002 www.galaxycn.com BL BLGALAXY ELECTRICAL Document Number 0260002 1. |
Podobny numer części - 1N4004 |
|
Podobny opis - 1N4004 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |