Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY550-50 Arkusz danych(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Numer części BY550-50
Szczegółowy opis  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BY550-50 Arkusz danych(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BY550-50 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BY550-50 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
4
1
0
820
40 60 80 100
50
100
150
200
250
300
350
400
450
TJ=125
8.3ms SingleHalf
Sine-Wave
0
0.25
0.5
0.75
1.0
25
50
75
100 125
150
Single Phase
Half Wave 60H Z
Resistive or
Inductive Load
1.25
175
1.5
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0260031
2.
FIG.4--TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
FIG.3 -- PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
BY550-50 --- BY550-1000
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
RATINGSANDCHARACTERISTIC CURVES
FIG.1 -- TYPICAL FORWARD CHARACTERISTICS
FIG.2 -- TYPICAL FORWARD DERATING CURVE
.2
10
.1
20
40
.4
1.0
2
400
100
200
600
1000
410
20
40
100
TJ=25
1.0
0.6
.01
0.4
0.8
0.1
1.4
1.2
1.6
10
1.0
TJ=25 C
Pulse Width
=300us
0


Podobny numer części - BY550-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
BY550-50 JGD-BY550-50 Datasheet
138Kb / 2P
   5.0 AMP.SILICON RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY550-50 TAYCHIPST-BY550-50 Datasheet
1Mb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
EIC discrete Semiconduc...
BY550-50 EIC-BY550-50 Datasheet
16Kb / 2P
   SILICON RECTIFIER DIODES
logo
First Components Intern...
BY550-50 FCI-BY550-50 Datasheet
4Mb / 2P
   5.0 Amps Miniature PLASTIC SILICON RECTIFIERS Diffused junction
logo
Diotec Semiconductor
BY550-50 DIOTEC-BY550-50 Datasheet
179Kb / 2P
   Silicon Rectifiers
More results

Podobny opis - BY550-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com