Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY500-200Z Arkusz danych(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Numer części BY500-200Z
Szczegółowy opis  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BY500-200Z Arkusz danych(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BY500-200Z Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BY500-200Z Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
25
0
0
50
S i ngl e P has e
Ha l f W a v e 6 0 H Z
R e s i s t i v e or
I nduc t i v e Lo ad
2
3
5
4
6
8
7
1 0 0
75
1 2 5
1 7 5
1 5 0
1
10
1
0.1
0.2
0.4
4
2
6
TJ=25
f=1MHz
20
40
60
100
200
20
4
2
10
100
40
0.6
0.8
1.0
1.2
1.4
1.6
0.1
0.4
1
4
10
20
40
100
TJ=25
Pulse Width=300uS
1.8
2.0
www.galaxycn.com
BLGALAXY ELECTRICAL
Document Number 0261038
2.
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
FIG.5-- TYPICAL JUNCTION CAPACITANCE
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.3 --PEAK FORWARD SURGE CURRENT
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 --FORWARD DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.4--TYPICAL FORWARD CHARACTERISTIC
BY500-100(Z)---BY500-1000(Z)
SET TIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
RATINGSANDCHARACTERISTICCURVES
NUMBER OF CYCLES AT 60 Hz
1
0
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8100
40 60 80
25
75
125
175
100
50
150
200


Podobny numer części - BY500-200Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
BY500-200 GE-BY500-200 Datasheet
44Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Diode Semiconductor Kor...
BY500-200 DSK-BY500-200 Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
BY500-200 GOOD-ARK-BY500-200 Datasheet
157Kb / 2P
   SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Zibo Seno Electronic En...
BY500-200 ZSELEC-BY500-200 Datasheet
84Kb / 2P
   5.0A FAST RECOVERY DIODE
logo
Diotec Semiconductor
BY500-200 DIOTEC-BY500-200 Datasheet
199Kb / 2P
   Fast Silicon Rectifiers
More results

Podobny opis - BY500-200Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com