Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8270 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8270
Szczegółowy opis  Precision Dual-Channel, Difference Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8270 Arkusz danych(HTML) 5 Page - Analog Devices

  AD8270_08 Datasheet HTML 1Page - Analog Devices AD8270_08 Datasheet HTML 2Page - Analog Devices AD8270_08 Datasheet HTML 3Page - Analog Devices AD8270_08 Datasheet HTML 4Page - Analog Devices AD8270_08 Datasheet HTML 5Page - Analog Devices AD8270_08 Datasheet HTML 6Page - Analog Devices AD8270_08 Datasheet HTML 7Page - Analog Devices AD8270_08 Datasheet HTML 8Page - Analog Devices AD8270_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8270
Rev. 0 | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
See derating
curve in Figure 2
Input Voltage Range
±VS
Storage Temperature Range
−65°C to +130°C
Specified Temperature Range
−40°C to +85°C
Package Glass Transition Temperature (TG)
130°C
ESD (Human Body Model)
1 kV
ESD (Charge Device Model)
1 kV
ESD (Machine Model)
0.1 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 5. Thermal Resistance
Thermal Pad
θJA
Unit
16-Lead LFCSP with Thermal Pad
Soldered to Board
57
°C/W
16-Lead LFCSP with Thermal Pad
Not Soldered to Board
96
°C/W
The θJA values in Table 5 assume a 4-layer JEDEC standard
board with zero airflow. If the thermal pad is soldered to the
board, it is also assumed it is connected to a plane. θJC at the
exposed pad is 9.7°C/W.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8270 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 130°C, which is the glass transition temperature,
the plastic changes its properties. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric performance
of the amplifiers. Exceeding a temperature of 130°C for an
extended period of time can result in a loss of functionality.
The AD8270 has built-in, short-circuit protection that limits the
output current to approximately 100 mA (see Figure 19 for
more information). While the short-circuit condition itself does
not damage the part, the heat generated by the condition can
cause the part to exceed its maximum junction temperature,
with corresponding negative effects on reliability.
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
–50
–25
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
PAD SOLDERED
θJA = 57°C/W
PAD NOT SOLDERED
θJA = 96°C/W
TJ MAXIMUM = 130°C
Figure 2. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION


Podobny numer części - AD8270_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8270ACPZ-R7 AD-AD8270ACPZ-R7 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270ACPZ-RL AD-AD8270ACPZ-RL Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270ACPZ-WP AD-AD8270ACPZ-WP Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
More results

Podobny opis - AD8270_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
AD8270 AD-AD8270 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
   Dual-Channel, Audio Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com