Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8270 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD8270
Szczegółowy opis  Precision Dual-Channel, Difference Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8270 Arkusz danych(HTML) 3 Page - Analog Devices

  AD8270_08 Datasheet HTML 1Page - Analog Devices AD8270_08 Datasheet HTML 2Page - Analog Devices AD8270_08 Datasheet HTML 3Page - Analog Devices AD8270_08 Datasheet HTML 4Page - Analog Devices AD8270_08 Datasheet HTML 5Page - Analog Devices AD8270_08 Datasheet HTML 6Page - Analog Devices AD8270_08 Datasheet HTML 7Page - Analog Devices AD8270_08 Datasheet HTML 8Page - Analog Devices AD8270_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8270
Rev. 0 | Page 3 of 20
SPECIFICATIONS
DIFFERENCE AMPLIFIER CONFIGURATIONS
VS = ±15 V, VREF = 0 V, TA = 25°C, RLOAD = 2 kΩ, specifications referred to input, unless otherwise noted.
Table 2.
G = 0.5
G = 1
G = 2
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth
20
15
10
MHz
Slew Rate
30
30
30
V/μs
Settling Time to 0.01%
10 V step on output
700
800
700
800
700
800
ns
Settling Time to 0.001%
10 V step on output
750
900
750
900
750
900
ns
NOISE/DISTORTION
Harmonic Distortion
f = 1 kHz, VOUT = 10 V p-p,
RLOAD = 600 Ω
84
145
95
dB
Voltage Noise1
f = 0.1 Hz to 10 Hz
2
1.5
1
μV p-p
f = 1 kHz
52
38
26
nV/√Hz
GAIN
Gain Error
0.08
0.08
0.08
%
Gain Drift
TA = −40°C to +85°C
1
10
1
10
1
10
ppm/°C
INPUT CHARACTERISTICS
Offset2
450
1500
300
1000
225
750
μV
Average Temperature Drift
TA = −40°C to +85°C
3
2
1.5
μV/°C
Common-Mode Rejection
Ratio
DC to 1 kHz
70
86
76
92
80
98
dB
Power Supply Rejection Ratio
2
10
2
10
2
10
μV/V
Input Voltage Range3
−15.4
+15.4
−15.4
+15.4
−15.4
+15.4
V
Common-Mode Resistance4
7.5
10
7.5
Bias Current
500
500
500
nA
OUTPUT CHARACTERISTICS
Output Swing
−13.8
+13.8
−13.8
+13.8
−13.8
+13.8
V
TA = −40°C to +85°C
−13.7
+13.7
−13.7
+13.7
−13.7
+13.7
V
Short-Circuit Current Limit
Sourcing
100
100
100
mA
Sinking
60
60
60
mA
POWER SUPPLY
Supply Current
(per Amplifier)
2.3
2.5
2.3
2.5
2.3
2.5
mA
TA = −40°C to +85°C
3
3
3
mA
1 Includes amplifier voltage and current noise, as well as noise of internal resistors.
2 Includes input bias and offset errors.
3 At voltages beyond the rails, internal ESD diodes begin to turn on. In some configurations, the input voltage range may be limited by the internal op amp (see the
Input Voltage Range section for details).
4 Internal resistors are trimmed to be ratio matched but have ±20% absolute accuracy. Common
-mode resistance was calculated with both inputs in parallel. Common-
mode impedance at only one input is 2× the resistance listed.


Podobny numer części - AD8270_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8270ACPZ-R7 AD-AD8270ACPZ-R7 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270ACPZ-RL AD-AD8270ACPZ-RL Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270ACPZ-WP AD-AD8270ACPZ-WP Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
More results

Podobny opis - AD8270_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
AD8270 AD-AD8270 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
   Dual-Channel, Audio Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com