Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9785BSVZRL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9785BSVZRL
Szczegółowy opis  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9785BSVZRL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9785BSVZRL Datasheet HTML 2Page - Analog Devices AD9785BSVZRL Datasheet HTML 3Page - Analog Devices AD9785BSVZRL Datasheet HTML 4Page - Analog Devices AD9785BSVZRL Datasheet HTML 5Page - Analog Devices AD9785BSVZRL Datasheet HTML 6Page - Analog Devices AD9785BSVZRL Datasheet HTML 7Page - Analog Devices AD9785BSVZRL Datasheet HTML 8Page - Analog Devices AD9785BSVZRL Datasheet HTML 9Page - Analog Devices AD9785BSVZRL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 6 of 64
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
AVDD33 to AGND, DGND, CGND
−0.3 V to +3.6 V
DVDD33, DVDD18, CVDD18
to AGND, DGND, CGND
−0.3 V to +2.1 V
AGND to DGND, CGND
−0.3 V to +0.3 V
DGND to AGND, CGND
−0.3 V to +0.3 V
CGND to AGND, DGND
−0.3 V to +0.3 V
I120, VREF, IPTAT to AGND
−0.3 V to AVDD33 + 0.3 V
OUT1_P, OUT1_N, OUT2_P, OUT2_N,
AUX1_P, AUX1_N, AUX2_P,
AUX2_N to AGND
−1.0 V to AVDD33 + 0.3 V
P1D[15] to P1D[0], P2D[15] to P2D[0]
to DGND
−0.3 V to DVDD33 + 0.3 V
DATACLK, TXENABLE to DGND
−0.3 V to DVDD33 + 0.3 V
REFCLK+, REFCLK−, RESET, IRQ,
PLL_LOCK, SYNC_O+, SYNC_O−,
SYNC_I+, SYNC_I− to CGND
−0.3 V to CVDD18 + 0.3 V
RESET, IRQ, PLL_LOCK, SYNC_O+,
SYNC_O−, SYNC_I+, SYNC_I−,
SPI_CSB, SCLK, SPI_SDIO, SPI_SDO
to DGND
−0.3 V to DVDD33 + 0.3 V
Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
For this 100-lead, thermally enhanced TQFP, the exposed paddle
(EPAD) must be soldered to the ground plane. Note that these
specifications are valid with no airflow movement.
Table 5. Thermal Resistance
Resistance
Unit
Conditions
θJA
19.1°C/W
EPAD soldered. No airflow.
θJB
12.4°C/W
EPAD soldered. No airflow.
θJC
7.1°C/W
EPAD soldered. No airflow.
ESD CAUTION


Podobny numer części - AD9785BSVZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9785BSVZRL AD-AD9785BSVZRL Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
More results

Podobny opis - AD9785BSVZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9785 AD-AD9785_18 Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
Analog Devices
AD9776 AD-AD9776_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit
REV. A
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Texas Instruments
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9780 AD-AD9780 Datasheet
1Mb / 36P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com