Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS613 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXRS613
Szczegółowy opis  ±150°/sec Yaw Rate Gyroscope
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXRS613
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PGND
ST1
ST2
TEMP
AGND
VRATIO
NC
SUMJ
RATEOUT
AVCC
CP2
CP1
CP4
CP3
CP5
VDD
GF
E
D
C
B
A
7
6
5
4
3
2
1
NC = NO CONNECT
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
6D, 7D
CP5
HV Filter Capacitor (100 nF).
6A, 7B
CP4
Charge Pump Capacitor (22 nF).
6C, 7C
CP3
Charge Pump Capacitor (22 nF).
5A, 5B
CP1
Charge Pump Capacitor (22 nF).
4A, 4B
CP2
Charge Pump Capacitor (22 nF).
3A, 3B
AVCC
Positive Analog Supply.
1B, 2A
RATEOUT
Rate Signal Output.
1C, 2C
SUMJ
Output Amplifier Summing Junction.
1D, 2D
NC
No Connect.
1E, 2E
VRATIO
Reference Supply for Ratiometric Output.
1F, 2G
AGND
Analog Supply Return.
3F, 3G
TEMP
Temperature Voltage Output.
4F, 4G
ST2
Self-Test for Sensor 2.
5F, 5G
ST1
Self-Test for Sensor 1.
6G, 7F
PGND
Charge Pump Supply Return.
6E, 7E
VDD
Positive Charge Pump Supply.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADIS16060Wide Bandwidth Yaw Rate Gyroscope with SPI 1 2 3 4 5 MoreAnalog Devices
ADXRS610±300°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS612±250°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS614±50°/s Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ISL83070E_06±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
CS8421_0632-bit 192 kHz Asynchronous Sample Rate Converter 1 2 3 4 5 MoreCirrus Logic
MT9052828-Port Primary Rate Circuit Emulation AAL1 SAR 1 2 3 4 5 MoreZarlink Semiconductor Inc
AAT4282ADual Slew Rate Controlled Load Switch 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl