Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS613 Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXRS613
Szczegółowy opis  ±150°/sec Yaw Rate Gyroscope
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXRS613
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
30
0
1.7
VOLTAGE (V)
25
20
15
10
5
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
Figure 4. Null Output at 25°C (VRATIO = 5 V)
30
0
(°/s/°C)
25
20
15
10
5
–0.6 –0.5 –0.4 –0.3 –0.2 –0.1
0
0.1 0.2 0.3 0.4 0.5 0.6
Figure 5. Null Drift over Temperature (VRATIO = 5 V)
40
0
11.0
(mV/°/s)
35
30
25
20
15
10
5
11.5
12.0
12.5
13.0
13.5
14.0
Figure 6. Sensitivity at 25°C (VRATIO = 5 V)
30
0
−10
PERCENT DRIFT (%)
25
20
15
10
5
−8
−6
−4
−2
02468
10
Figure 7. Sensitivity Drift over Temperature
45
0
–0.6
VOLTAGE (V)
40
35
30
25
20
15
10
5
–0.7
–0.8
–0.9
–1.0
–1.1
–1.2
–1.3
Figure 8. ST1 Output Change at 25°C (VRATIO = 5 V)
45
0
0.6
VOLTAGE (V)
40
35
30
25
20
15
10
5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Figure 9. ST2 Output Change at 25°C (VRATIO = 5 V)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADIS16060Wide Bandwidth Yaw Rate Gyroscope with SPI 1 2 3 4 5 MoreAnalog Devices
ADXRS610±300°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS612±250°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS614±50°/s Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ISL83070E_06±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
CS8421_0632-bit 192 kHz Asynchronous Sample Rate Converter 1 2 3 4 5 MoreCirrus Logic
MT9052828-Port Primary Rate Circuit Emulation AAL1 SAR 1 2 3 4 5 MoreZarlink Semiconductor Inc
AAT4282ADual Slew Rate Controlled Load Switch 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl