Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS613 Datasheet(Arkusz danych) 11 Page - Analog Devices

Numer części ADXRS613
Szczegółowy opis  ±150°/sec Yaw Rate Gyroscope
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 11 page
background image
ADXRS613
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
A
B
C
D
E
F
G
BOTTOM
VIEW
765
4
3
TOP VIEW
3.80 MAX
0.80 BSC
(BALL PITCH)
DETAIL A
BALL DIAMETER
0.60
0.55
0.50
0.60
0.25
7.05
6.85 SQ
6.70
COPLANARITY
0.15
21
*A1 CORNER
INDEX AREA
DETAIL A
A1 BALL PAD
INDICATOR
SEATING
PLANE
4.80
BSC SQ
3.30 MAX
2.50 MIN
*BALL A1 IDENTIFIER IS GOLD PLATED AND CONNECTED
TO THE D/A PAD INTERNALLY VIA HOLES.
Figure 24. 32-Lead Ceramic Ball Grid Array [CBGA]
(BG-32-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADXRS613BBGZ1
–40°C to +105°C
32-Lead Ceramic Ball Grid Array (CBGA)
BG-32-3
ADXRS613BBGZ-RL1
–40°C to +105°C
32-Lead Ceramic Ball Grid Array (CBGA)
BG-32-3
EVAL-ADXRS613Z1
Evaluation Board
1 Z = RoHS Compliant Part.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADIS16060Wide Bandwidth Yaw Rate Gyroscope with SPI 1 2 3 4 5 MoreAnalog Devices
ADXRS610±300°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS612±250°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS614±50°/s Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ISL83070E_06±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
CS8421_0632-bit 192 kHz Asynchronous Sample Rate Converter 1 2 3 4 5 MoreCirrus Logic
MT9052828-Port Primary Rate Circuit Emulation AAL1 SAR 1 2 3 4 5 MoreZarlink Semiconductor Inc
AAT4282ADual Slew Rate Controlled Load Switch 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl