Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS613BBGZ-RL Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXRS613BBGZ-RL
Szczegółowy opis  ±150°/sec Yaw Rate Gyroscope
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
ADXRS613
Rev. 0 | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
TA = −40°C to +105°C, VS = AVCC = VDD = 5 V, VRATIO = AVCC, angular rate = 0°/sec, bandwidth = 80 Hz (COUT = 0.01 μF),
IOUT = 100 μA, ±1 g, unless otherwise noted.
Table 1.
ADXRS613BBGZ
Parameter
Conditions
Min
Typ
Max
Unit
SENSITIVITY (RATIOMETRIC)1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±150
°/sec
Initial and Over Temperature
11.25
12.5
13.75
mV/°/sec
Temperature Drift3
±3
%
Nonlinearity
Best fit straight line
0.1
% of FS
NULL (RATIOMETRIC)1
Null
−40°C to +105°C
2.5
V
Null Drift Over Temperature
−40°C to +105°C
±250
mV
Linear Acceleration Effect
Any axis
0.1
°/sec/g
NOISE PERFORMANCE
Rate Noise Density
TA = 25°C
0.04
°/sec/√Hz
FREQUENCY RESPONSE
Bandwidth4
1
3000
Hz
Sensor Resonant Frequency
14.5
kHz
SELF-TEST (RATIOMETRIC)1
ST1 RATEOUT Response
ST1 pin from Logic 0 to Logic 1
−500
−1000
mV
ST2 RATEOUT Response
ST2 pin from Logic 0 to Logic 1
500
1000
mV
Logic 1 Input Voltage
0.8 × VRATIO
V
Logic 0 Input Voltage
0.2 × VRATIO
V
Input Impedance
To common
50
TEMPERATURE SENSOR (RATIOMETRIC)1
VOUT at 25°C
Load = 100 MΩ
2.35
2.5
2.65
V
Scale Factor5
@ 25°C, VRATIO = 5 V
9.1
mV/°C
Load to VS
25
Load to Common
25
TURN-ON TIME
Power on to ±½°/sec of final
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
μA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (VS)
4.75
5.00
5.25
V
VRATIO Input
3
VS
V
Supply Current
3.5
5.0
mA
TEMPERATURE RANGE
Specified Performance
–40
+105
°C
1 Parameter is linearly ratiometric with VRATIO.
2 The maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3 From +25°C to −40°C or from +25°C to +105°C.
4 Adjusted by external capacitor, COUT.
5 For a change in temperature from 25°C to 26°C. VTEMP is ratiometric to VRATIO. See the Tem
section for more details.
perature Output and Calibration




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADIS16060Wide Bandwidth Yaw Rate Gyroscope with SPI 1 2 3 4 5 MoreAnalog Devices
ADXRS610±300°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS612±250°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS614±50°/s Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ISL83070E_06±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
CS8421_0632-bit 192 kHz Asynchronous Sample Rate Converter 1 2 3 4 5 MoreCirrus Logic
MT9052828-Port Primary Rate Circuit Emulation AAL1 SAR 1 2 3 4 5 MoreZarlink Semiconductor Inc
AAT4282ADual Slew Rate Controlled Load Switch 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl