Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS613BBGZ-RL Datasheet(Arkusz danych) 10 Page - Analog Devices

Numer części ADXRS613BBGZ-RL
Szczegółowy opis  ±150°/sec Yaw Rate Gyroscope
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 10 page
background image
ADXRS613
Rev. 0 | Page 10 of 12
ADXRS613 AND SUPPLY RATIOMETRICITY
The ADXRS613 RATEOUT and TEMP signals are ratiometric
to the VRATIO voltage, that is, the null voltage, rate sensitivity, and
temperature outputs are proportional to VRATIO. Thus, the
ADXRS613 is most easily used with a supply-ratiometric ADC
that results in self-cancellation of errors due to minor supply
variations. There is some small error due to nonratiometric
behavior. Typical ratiometricity error for null, sensitivity, self-
test, and temperature output is outlined in Table 4.
Note that VRATIO must never be greater than AVCC.
Table 4. Ratiometricity Error for Various Parameters
Parameter
VS = VRATIO = 4.75 V
VS = VRATIO = 5.25 V
ST1
Mean
−0.4%
−0.3%
Sigma
0.6%
0.6%
ST2
Mean
−0.4%
−0.3%
Sigma
0.6%
0.6%
Null
Mean
−0.04%
−0.02%
Sigma
0.3%
0.2%
Sensitivity
Mean
0.03%
0.1%
Sigma
0.1%
0.1%
VTEMP
Mean
−0.3%
−0.5%
Sigma
0.1%
0.1%
NULL ADJUSTMENT
The nominal 2.5 V null is for a symmetrical swing range at
RATEOUT (1B, 2A). However, a nonsymmetrical output swing
may be suitable in some applications. Null adjustment is
possible by injecting a suitable current to SUMJ (1C, 2C). Note
that supply disturbances may reflect some null instability.
Digital supply noise should be avoided particularly in this case.
SELF-TEST FUNCTION
The ADXRS613 includes a self-test feature that actuates each of
the sensing structures and associated electronics as if subjected
to angular rate. It is activated by standard logic high levels
applied to Input ST1 (5F, 5G), Input ST2 (4F, 4G), or both. ST1
causes the voltage at RATEOUT to change about −1.9 V, and
ST2 causes an opposite change of +1.9 V. The self-test response
follows the viscosity temperature dependence of the package
atmosphere, approximately 0.25%/°C.
Activating both ST1 and ST2 simultaneously is not damaging.
ST1 and ST2 are fairly closely matched (±5%), but actuating
both simultaneously may result in a small apparent null bias
shift proportional to the degree of self-test mismatch.
ST1 and ST2 are activated by applying a voltage of greater than
0.8 × VRATIO to the ST1 and ST2 pins. ST1 and ST2 are deacti-
vated by applying a voltage of less than 0.2 × VRATIO to the ST1
and ST2 pins. The voltage applied to ST1 and ST2 must never
be greater than AVCC.
CONTINUOUS SELF-TEST
The one-chip integration of the ADXRS613 gives it higher
reliability than is obtainable with any other high volume
manufacturing method. In addition, it is manufactured under
a mature BiMOS process with field-proven reliability. As an
additional failure detection measure, a power-on self-test can be
performed. However, some applications may warrant continuous
self-test while sensing rate. Details outlining continuous self-test
techniques are also available in the AN-768 Application Note,
Using the ADXRS150/ADXRS300 in Continuous Self-Test Mode
at www.analog.com.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADIS16060Wide Bandwidth Yaw Rate Gyroscope with SPI 1 2 3 4 5 MoreAnalog Devices
ADXRS610±300°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS612±250°/sec Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ADXRS614±50°/s Yaw Rate Gyro 1 2 3 4 5 MoreAnalog Devices
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ISL83070E_06±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
CS8421_0632-bit 192 kHz Asynchronous Sample Rate Converter 1 2 3 4 5 MoreCirrus Logic
MT9052828-Port Primary Rate Circuit Emulation AAL1 SAR 1 2 3 4 5 MoreZarlink Semiconductor Inc
AAT4282ADual Slew Rate Controlled Load Switch 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl