Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL23EP09NZ Arkusz danych(PDF) 5 Page - SpectraLinear Inc

Numer części SL23EP09NZ
Szczegółowy opis  Low Jitter and Skew DC to 220MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPECTRALINEAR [SpectraLinear Inc]
Strona internetowa  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09NZ Arkusz danych(HTML) 5 Page - SpectraLinear Inc

  SL23EP09NZ Datasheet HTML 1Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 2Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 3Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 4Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 5Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 6Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 7Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 8Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev 1.1, May 18, 2007
Page 5 of 11
SL23EP09NZ
Switching Electrical Characteristics (C-Grade – Cont.)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF
and Ambient Temperature range 0 to +70°C
Output Fall Time
tf
Measured at 0.8V to 2.0V
CL=0 to 30pF
1.4
ns
Output Skew
SKW1
Measured at VDD/2 and
Outputs are equally loaded
70
150
ps
Part to Part Skew
SKW2
Measured at VDD/2 and
Outputs are equally loaded
100
200
ps
Propagation Delay Time
PDT
Measured at VDD/2 from CLKIN to
Output Clock rising edge and Outputs
are equally loaded
4.0
6.5
ns
Cycle-to-Cycle Jitter
CCJ1
CLKIN=66MHz and CL=0 (No Load)
35
70
ps
Cycle-to-Cycle Jitter
CCJ2
CLKIN=166MHz and CL=0 (No Load)
25
50
ps
DC Electrical Characteristics (I-Grade)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
BUF_IN
0.8
V
Input HIGH Voltage
VINH
BUF_IN
2.0
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V
30
µA
Input HIGH Current
IINH
2.4V < VIN < VDD
50
µA
Output Low Voltage
VOL
IOL=8mA
0.4
V
Output High Voltage
VOH
IOH=-8mA
2.4
V
Power Supply Current
IDD1
CLKIN=33.3MHz, CL=0
10
15
mA
Power Supply Current
IDD2
CLKIN=66.6MHz, CL=0
12
18
mA
Power Supply Current
IDD3
CLKIN=133.3MHz, CL=0
16
24
mA
Switching Electrical Characteristics (I-Grade)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF
and Ambient Temperature range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
FOUT1
CL=15pf
0
220
MHz
Output Frequency Range
FOUT2
CL=30pf
0
100
MHz
Input Duty Cycle
DC1
Measured at VDD/2
20
50
80
%
Output Duty Cycle
DC2
CL=15pF, Fout=166MHz
Measured at VDD/2
45
50
55
%
Output Duty Cycle
DC3
CL=30pF, Fout=100MHz
Measured at VDD/2
40
50
60
%


Podobny numer części - SL23EP09NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSC-1H SILABS-SL23EP09NZSC-1H Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSC-1HT SILABS-SL23EP09NZSC-1HT Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSI-1H SILABS-SL23EP09NZSI-1H Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSI-1HT SILABS-SL23EP09NZSI-1HT Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Podobny opis - SL23EP09NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com