Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL23EP09ZI-1 Arkusz danych(PDF) 1 Page - SpectraLinear Inc

Numer części SL23EP09ZI-1
Szczegółowy opis  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPECTRALINEAR [SpectraLinear Inc]
Strona internetowa  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09ZI-1 Arkusz danych(HTML) 1 Page - SpectraLinear Inc

  SL23EP09ZI-1 Datasheet HTML 1Page - SpectraLinear Inc SL23EP09ZI-1 Datasheet HTML 2Page - SpectraLinear Inc SL23EP09ZI-1 Datasheet HTML 3Page - SpectraLinear Inc SL23EP09ZI-1 Datasheet HTML 4Page - SpectraLinear Inc SL23EP09ZI-1 Datasheet HTML 5Page - SpectraLinear Inc SL23EP09ZI-1 Datasheet HTML 6Page - SpectraLinear Inc SL23EP09ZI-1 Datasheet HTML 7Page - SpectraLinear Inc SL23EP09ZI-1 Datasheet HTML 8Page - SpectraLinear Inc SL23EP09ZI-1 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 1.1, February 2, 2007
Page 1 of 13
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL23EP09
Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer (ZDB)
Key Features
10 to 220 MHz operating frequency range
Low output clock skew: 45ps-typ
Low output clock jitter:
25 ps-typ cycle-to-cycle jitter
15 ps-typ period jitter
Low part-to-part output skew: 90 ps-typ
Wide 2.5 V to 3.3 V power supply range
Low power dissipation:
26 mA-max at 66 MHz and VDD=3.3 V
24 mA-max at 66 MHz and VDD=2.5V
One input drives 9 outputs organized as 4+4+1
Select mode to bypass PLL or tri-state outputs
SpreadThru™ PLL that allows use of SSCG
Standard and High-Drive options
Available in 16-pin SOIC and TSSOP packages
Available in Commercial and Industrial grades
Applications
Printers, MFPs and Digital Copiers
PCs and Work Stations
Routers, Switchers and Servers
Digital Embeded Systems
Description
The SL23EP09 is a low skew, low jitter and low power Zero
Delay Buffer (ZDB) designed to produce up to nine (9) clock
outputs from one (1) reference input clock, for high speed
clock distribution applications.
The product has an on-chip PLL which locks to the input
clock at CLKIN and receives its feedback internally from the
CLKOUT pin.
The SL23EP09 has two (2) clock driver banks each with four
(4) clock outputs. These outputs are controlled by two (2)
select input pins S1 and S2. When only four (4) outputs are
needed, four (4) bank-B output clock buffers can be tri-stated
to reduce power dissipation and jitter. The select inputs can
also be used to tri-state both banks A and B or drive them
directly from the input bypassing the PLL and making the
product behave like a Non-Zero Delay Buffer (NZDB).
The high-drive version operates up to 220MHz and 200MHz
at 3.3V and 2.5V power supplies respectively.
Benefits
Up to nine (9) distribution of input clock
Standard and High-Dirive levels to control impedance
level, frequency range and EMI
Low power dissipation, jitter and skew
Low cost
Block Diagram
Low Pow er and
Low Jitter
PLL
MU X
Input Selection
D ecoding Logic
VD D
GN D
2
2
S2
S1
CLK IN
C LKO UT
CLK A 1
CLK A 2
C LKA3
CLKA4
CLKB1
C LKB2
C LKB3
C LKB4


Podobny numer części - SL23EP09ZI-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL23EP09ZI-1 SILABS-SL23EP09ZI-1 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09ZI-1H SILABS-SL23EP09ZI-1H Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09ZI-1HT SILABS-SL23EP09ZI-1HT Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09ZI-1T SILABS-SL23EP09ZI-1T Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results

Podobny opis - SL23EP09ZI-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com