Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL2304NZZC-1Z Arkusz danych(PDF) 7 Page - SpectraLinear Inc

Numer części SL2304NZZC-1Z
Szczegółowy opis  Low Jitter and Skew DC to 160MHz Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPECTRALINEAR [SpectraLinear Inc]
Strona internetowa  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2304NZZC-1Z Arkusz danych(HTML) 7 Page - SpectraLinear Inc

  SL2304NZZC-1Z Datasheet HTML 1Page - SpectraLinear Inc SL2304NZZC-1Z Datasheet HTML 2Page - SpectraLinear Inc SL2304NZZC-1Z Datasheet HTML 3Page - SpectraLinear Inc SL2304NZZC-1Z Datasheet HTML 4Page - SpectraLinear Inc SL2304NZZC-1Z Datasheet HTML 5Page - SpectraLinear Inc SL2304NZZC-1Z Datasheet HTML 6Page - SpectraLinear Inc SL2304NZZC-1Z Datasheet HTML 7Page - SpectraLinear Inc SL2304NZZC-1Z Datasheet HTML 8Page - SpectraLinear Inc SL2304NZZC-1Z Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev 1.3, May 16, 2007
Page 7 of 9
SL2304NZ
Switching Electrical Characteristics (I-Grade and VDD=3.3V – Cont.)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Output Fall Time
tf
CL=25pF, measured at 0.8V to 2.0V
1.6
ns
CLKIN=66MHz, CL=15pF
5
ns
CLKIN High or Low Time
tHL
CLKIN=140MHz, CL=15pF
2
ns
Output to Output Skew
SKW1
Measured at VDD/2 and
Outputs are equally loaded
50
100
ps
Part to Part Skew
SKW2
Measured at VDD/2 and
Outputs are equally loaded
90
200
ps
Propagation Delay Time
PDT
Measured at VDD/2 from CLKIN to
Output Clock rising edge and Outputs
are equally loaded
3.2
4.0
ns
Cycle-to-Cycle Jitter
CCJ1
CLKIN=66MHz and CL=0 (No Load)
70
140
ps
Cycle-to-Cycle Jitter
CCJ2
CLKIN=133MHz and CL=0 (No Load)
50
100
ps
External Components & Design Considerations
Typical Application Schematic
Comments and Recommendations
Decoupling Capacitor: A decoupling capacitor of 0.1 F must be used between VDD and VSS pins. Place the
capacitor on the component side of the PCB as close to the VDD pin as possible. The PCB trace to the VDD pin and
to the GND via should be kept as short as possible. Do not use vias between the decoupling capacitor and the VDD
pin.
Series Termination Resistor: A series termination resistor is recommended if the distance between the output
clocks and the load is over 1 ½ inch. Place the series termination resistors as close to the clock outputs as possible.


Podobny numer części - SL2304NZZC-1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL2304NZZC-1Z SILABS-SL2304NZZC-1Z Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL2304NZZC-1ZT SILABS-SL2304NZZC-1ZT Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
More results

Podobny opis - SL2304NZZC-1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com