Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL2309ZC-1HT Arkusz danych(PDF) 6 Page - SpectraLinear Inc

Numer części SL2309ZC-1HT
Szczegółowy opis  Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPECTRALINEAR [SpectraLinear Inc]
Strona internetowa  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2309ZC-1HT Arkusz danych(HTML) 6 Page - SpectraLinear Inc

Back Button SL2309ZC-1HT Datasheet HTML 2Page - SpectraLinear Inc SL2309ZC-1HT Datasheet HTML 3Page - SpectraLinear Inc SL2309ZC-1HT Datasheet HTML 4Page - SpectraLinear Inc SL2309ZC-1HT Datasheet HTML 5Page - SpectraLinear Inc SL2309ZC-1HT Datasheet HTML 6Page - SpectraLinear Inc SL2309ZC-1HT Datasheet HTML 7Page - SpectraLinear Inc SL2309ZC-1HT Datasheet HTML 8Page - SpectraLinear Inc SL2309ZC-1HT Datasheet HTML 9Page - SpectraLinear Inc SL2309ZC-1HT Datasheet HTML 10Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev 1.1, May 29, 2007
Page 6 of 12
SL2309
DC Electrical Specifications: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades
Symbol
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
VIL
Input LOW Voltage
CLKIN, S2 and S1 Pins
0.8
V
VIH
Input HIGH Voltage
CLKIN, S2 and S1 pins
2.0
VDD+0.3
V
IIL
Input LOW Current
CLKIN, S2 and S1 Pins, 0 < VIN < 0.8V
25
µA
IIH
Input HIGH Current
CLKIN, S2 and S1 Pins, VIN = VDD
50
µA
IOL = 8 mA (standard drive)
0.4
V
VOL
Output LOW Voltage
(All outputs)
IOL = 12 mA (high drive)
0.4
V
IOH = –8 mA (standard drive)
2.4
V
VOH
Output HIGH Voltage
(All outputs)
IOH = –12 mA (high drive)
2.4
V
C-Grade
12
µA
IDDPD
Power Down Supply Current
CLKIN=0 to VDD or floating (input
will be pulled-down by 250k
weak pull-down on-chip resistor)
I-Grade
25
µA
IDD1
Power Supply Current
All Outputs CL=0, 33MHz CLKIN
S2=S1=1 (High)
–20
mA
IDD2
Power Supply Current
All Outputs CL=0, 66MHz CLKIN
S2=S1=1 (High)
–28
mA
IDD3
Power Supply Current
All Outputs CL=0, 100MHz CLKIN
S2=S1=1 (High)
–36
mA
IDD4
Power Supply Current
All Outputs CL=0, 140MHz CLKIN
S2=S1=1 (High)
–44
mA
RPU/D
Pull-up and Pull-down Resistors
Pins-1/2/3/6/7/8/9/10/11/14/15/16
250k -typ
175
325
k


Podobny numer części - SL2309ZC-1HT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SL2309ZC-1HT ETC2-SL2309ZC-1HT Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

Podobny opis - SL2309ZC-1HT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com