Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT48 Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części BAT48
Szczegółowy opis  SMALL SIGNAL SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAT48 Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAT48 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAT48 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BLGALAXYELECTRICAL
BAT48
FEATURES
For general purpose applications
These diodes feature very low turn-on voltage
and fast switching.These devices are protected by
a PN junction guard ring against excessive voltage,
such as electrostatic discharges.
This diode is also available in the Mini-MELF
MECHANICAL DATA
Case: DO-35,glass case
Polarity: Color band denotes cathode
Weight: 0.005 ounces, 0.13 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
MAXIMUM RATINGS
UNITS
Peak reverse voltage
VR
V
Forward continuous current
IF
m A
Surge forward current at tp<10 ms
IFSM
A
Power dissipation
Ptot
mW
Thermal resistance junction to ambient air
RθJA
/W
Junction temperature
Tj
Storage temperature range
TSTG
-55 --- + 125
1)Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature.
-55 --- + 150
3501)
7.51)
3001)
3301)
VOLTAGE : 40 V
40
DO - 35
SMALL SIGNAL SCHOTTKY DIODE
BAT48
Document Number 0265012
BLGALAXY ELECTRICAL
1.
www.galaxycn.com


Podobny numer części - BAT48

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BAT48 STMICROELECTRONICS-BAT48 Datasheet
94Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
General Semiconductor
BAT48 GE-BAT48 Datasheet
44Kb / 2P
   Schottky Diodes
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48 Datasheet
105Kb / 3P
   Small-Signal Diode
logo
STMicroelectronics
BAT48 STMICROELECTRONICS-BAT48 Datasheet
114Kb / 8P
   Small signal Schottky diodes
logo
SynSemi, Inc.
BAT48 SYNSEMI-BAT48 Datasheet
30Kb / 2P
   SCHOTTKY BARRIER DIODE
More results

Podobny opis - BAT48

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com