Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12D040 Arkusz danych(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC12D040
Szczegółowy opis  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040 Arkusz danych(HTML) 2 Page - National Semiconductor (TI)

  ADC12D040_05 Datasheet HTML 1Page - National Semiconductor (TI) ADC12D040_05 Datasheet HTML 2Page - National Semiconductor (TI) ADC12D040_05 Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040_05 Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040_05 Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040_05 Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040_05 Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040_05 Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Ordering Information
Industrial (−40˚C
≤ T
A
≤ +85˚C)
Package
ADC12D040CIVS
64 Pin TQFP
ADC12D040CIVSX
64 Pin TQFP Tape and Reel
ADC12D040EVAL
Evaluation Board
Block Diagram
20046002
www.national.com
2


Podobny numer części - ADC12D040_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12D040CIVS NSC-ADC12D040CIVS Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
logo
Texas Instruments
ADC12D040CIVS/NOPB TI1-ADC12D040CIVS/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
National Semiconductor ...
ADC12D040CIVSX NSC-ADC12D040CIVSX Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
ADC12D040EVAL NSC-ADC12D040EVAL Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
logo
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
More results

Podobny opis - ADC12D040_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
   Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com