Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12L066 Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC12L066
Szczegółowy opis  12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L066 Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  ADC12L066_06 Datasheet HTML 1Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 2Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 3Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 4Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 5Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 6Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 7Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 8Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
2V
IN+
Analog signal Input pins. With a 1.0V reference voltage the
differential input signal level is 2.0 V
P-P. The VIN- pin may be
connected to V
CM for single-ended operation, but a differential
input signal is required for best performance.
3V
IN−
1V
REF
Reference input. This pin should be bypassed to AGND with
a 0.1 µF monolithic capacitor. V
REF is 1.0V nominal and
should be between 0.8V and 1.5V.
31
V
RP
These pins are high impedance reference bypass pins.
Connect a 0.1 µF capacitor from each of these pins to AGND.
DO NOT LOAD these pins.
32
V
RM
30
V
RN
DIGITAL I/O
10
CLK
Digital clock input. The range of frequencies for this input is
1 MHz to 80 MHz (typical) with guaranteed performance at 66
MHz. The input is sampled on the rising edge of this input.
11
OE
OE is the output enable pin that, when low, enables the
TRI-STATE® data output pins. When this pin is high, the
outputs are in a high impedance state.
8PD
PD is the Power Down input pin. When high, this input puts
the converter into the power down mode. When this pin is
low, the converter is in the active mode.
www.national.com
3


Podobny numer części - ADC12L066_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12L066CIVY NSC-ADC12L066CIVY Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L066CIVY/NOPB TI1-ADC12L066CIVY/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC12L066CIVYX NSC-ADC12L066CIVYX Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066EVAL NSC-ADC12L066EVAL Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results

Podobny opis - ADC12L066_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040_14 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com