Zakładka z wyszukiwarką danych komponentów |
|
ADC12L066CIVYX Arkusz danych(PDF) 3 Page - National Semiconductor (TI) |
|
|
ADC12L066CIVYX Arkusz danych(HTML) 3 Page - National Semiconductor (TI) |
3 / 27 page Pin Descriptions and Equivalent Circuits Pin No. Symbol Equivalent Circuit Description ANALOG I/O 2V IN+ Analog signal Input pins. With a 1.0V reference voltage the differential input signal level is 2.0 V P-P. The VIN- pin may be connected to V CM for single-ended operation, but a differential input signal is required for best performance. 3V IN− 1V REF Reference input. This pin should be bypassed to AGND with a 0.1 µF monolithic capacitor. V REF is 1.0V nominal and should be between 0.8V and 1.5V. 31 V RP These pins are high impedance reference bypass pins. Connect a 0.1 µF capacitor from each of these pins to AGND. DO NOT LOAD these pins. 32 V RM 30 V RN DIGITAL I/O 10 CLK Digital clock input. The range of frequencies for this input is 1 MHz to 80 MHz (typical) with guaranteed performance at 66 MHz. The input is sampled on the rising edge of this input. 11 OE OE is the output enable pin that, when low, enables the TRI-STATE® data output pins. When this pin is high, the outputs are in a high impedance state. 8PD PD is the Power Down input pin. When high, this input puts the converter into the power down mode. When this pin is low, the converter is in the active mode. www.national.com 3 |
Podobny numer części - ADC12L066CIVYX |
|
Podobny opis - ADC12L066CIVYX |