Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12L066EVAL Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC12L066EVAL
Szczegółowy opis  12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L066EVAL Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  ADC12L066EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12L066EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12L066EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12L066EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12L066EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12L066EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12L066EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12L066EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12L066EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ADC12L066
12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with
Internal Sample-and-Hold
General Description
The ADC12L066 is a monolithic CMOS analog-to-digital con-
verter capable of converting analog input signals into 12-bit
digital words at 66 Megasamples per second (MSPS), mini-
mum, with typical operation possible up to 80 MSPS. This
converter uses a differential, pipeline architecture with digital
error correction and an on-chip sample-and-hold circuit to
minimize die size and power consumption while providing
excellent dynamic performance. A unique sample-and-hold
stage yields a full-power bandwidth of 450 MHz. Operating
on a single 3.3V power supply, this device consumes just
357 mW at 66 MSPS, including the reference current. The
Power Down feature reduces power consumption to just
50 mW.
The differential inputs provide a full scale input swing equal
to ±V
REF with the possibility of a single-ended input. Full use
of the differential input is recommended for optimum perfor-
mance. For ease of use, the buffered, high impedance,
single-ended reference input is converted on-chip to a differ-
ential reference for use by the processing circuitry. Output
data format is 12-bit offset binary.
This device is available in the 32-lead LQFP package and
will operate over the industrial temperature range of −40˚C to
+85˚C. An evaluation board is available to facilitate the
evaluation process.
Features
n
Single supply operation
n
Low power consumption
n
Power down mode
n
On-chip reference buffer
Key Specifications
n
Resolution
12 Bits
n
Conversion Rate
66 MSPS
n
Full Power Bandwidth
450 MHz
n
DNL
±0.4 LSB (typ)
n
SNR (f
IN = 10 MHz)
66 dB (typ)
n
SFDR (f
IN = 10 MHz)
80 dB (typ)
n
Data Latency
6 Clock Cycles
n
Supply Voltage
+3.3V ± 300 mV
n
Power Consumption, 66 MHz
357 mW (typ)
Applications
n
Ultrasound and Imaging
n
Instrumentation
n
Cellular Base Stations/Communications Receivers
n
Sonar/Radar
n
xDSL
n
Wireless Local Loops
n
Data Acquisition Systems
n
DSP Front Ends
Connection Diagram
20032801
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
January 2006
© 2006 National Semiconductor Corporation
DS200328
www.national.com


Podobny numer części - ADC12L066EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12L066EVAL NSC-ADC12L066EVAL Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results

Podobny opis - ADC12L066EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040_14 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com