Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP179GRT Arkusz danych(PDF) 5 Page - Analog Devices

Numer części OP179GRT
Szczegółowy opis  Rail-to-Rail High Output Current Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP179GRT Arkusz danych(HTML) 5 Page - Analog Devices

  OP179GRT Datasheet HTML 1Page - Analog Devices OP179GRT Datasheet HTML 2Page - Analog Devices OP179GRT Datasheet HTML 3Page - Analog Devices OP179GRT Datasheet HTML 4Page - Analog Devices OP179GRT Datasheet HTML 5Page - Analog Devices OP179GRT Datasheet HTML 6Page - Analog Devices OP179GRT Datasheet HTML 7Page - Analog Devices OP179GRT Datasheet HTML 8Page - Analog Devices OP179GRT Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP179/OP279
–5–
REV. G
VS
5V
VCM
2.5V
6.5
4.0
100
5.5
4.5
–25
5.0
–50
6.0
75
50
25
0
TEMPERATURE – C
VS
6V
VS
5V
TPC 10. Supply Current vs.
Temperature
FREQUENCY – Hz
120
60
0
10
100
10M
1M
100k
10k
1k
80
100
20
40
VS
2.5V
TA
25 C
–PSRR
+PSRR
TPC 13. Power Supply Rejection vs.
Frequency
12
6
0
10k
10M
1M
100k
1k
4
2
8
10
FREQUENCY – Hz
TA
25 C
VS
5V
AVCL
+1
RL
1k
TPC 16. Maximum Output Swing vs.
Frequency
5
0
100
3
1
–25
2
–50
4
75
50
25
0
TEMPERATURE – C
VS
5V
RL
1k
CL
+1nF
+EDGE
–EDGE
TPC 11. Slew Rate vs. Temperature
6
3
0
10k
10M
1M
100k
1k
2
1
4
5
FREQUENCY – Hz
TA
25 C
VS
2.5V
AVCL
+1
RL
1k
TPC 14. Maximum Output
Swing vs. Frequency
50
10
–30
1k
10k
100M
10M
1M
100k
20
30
40
–20
–10
0
FREQUENCY – Hz
AVCL
+100
AVCL
+10
AVCL
+1
VS
2.5V
TA
25 C
RL
1k
TPC 17. Closed-Loop Gain vs.
Frequency
PHASE
GAIN
120
40
–40
100
1k
10M
1M
100k
10k
60
80
100
–20
0
20
270
90
–90
135
180
225
–45
0
45
FREQUENCY – Hz
VS
2.5V
TA
–40 C
RL
2k
CL
500pF
TPC 12. Open-Loop Gain and
Phase vs. Frequency
180
160
140
120
100
80
60
40
20
0
10
100
10M
1M
100k
10k
1k
TA
25 C
VS
2.5V OR
5V
FREQUENCY – Hz
AVCL
1
AVCL
10 OR 100
TPC 15. Closed-Loop Output
Impedance vs. Frequency
80
0
10k
20
10
0
40
30
50
60
70
8k
6k
4k
2k
LOAD CAPACITANCE – pF
TA
25 C
AVCL
+1
RL
1k
VS
2.5V
VIN
100mV p-p
POSITIVE EDGE AND
NEGATIVE EDGE
TPC 18. Small Signal Overshoot vs.
Load Capacitance


Podobny numer części - OP179GRT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP179GRT AD-OP179GRT Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP179GRT AD-OP179GRT Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP179GRT AD-OP179GRT Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
More results

Podobny opis - OP179GRT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP179 AD-OP179 Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP279GSZ AD-OP279GSZ Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279 AD-OP279_15 Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GRU-REEL AD-OP279GRU-REEL Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP179 AD-OP179_15 Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com