Zakładka z wyszukiwarką danych komponentów |
|
AD96687BQ Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD96687BQ Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 8 page REV. D –2– AD96685/AD96687–SPECIFICATIONS ELECTRICAL CHARACTERISTICS (Positive Supply Voltage = 5.0 V; Negative Supply Voltage = –5.2 V, unless otherwise noted.) Industrial Temperature Range –25 C to +85 C Test AD96685BR AD96687BQ/BP/BR Parameter Temp Level Min Typ Max Min Typ Max Unit INPUT CHARACTERISTICS Input Offset Voltage 25 °CI 1 2 1 2 mV Full VI 3 3 mV Input Offset Drift Full V 20 20 µV/°C Input Bias Current 25 °CI 7 10 7 10 µA Full VI 13 13 µA Input Offset Current 25 °C I 0.1 1.0 0.1 1.0 µA Full VI 1.2 1.2 µA Input Resistance 25 °C V 200 200 k Ω Input Capacitance 25 °CV 2 2 pF Input Voltage Ranges 2 Full VI –2.5 +5.0 –2.5 +5.0 V Common-Mode Rejection Ratio Full VI 80 90 80 90 dB ENABLE INPUT Logic “1” Voltage Full VI –1.1 –1.1 V Logic “0” Voltage Full VI –1.5 –1.5 V Logic “1” Current Full VI 40 40 µA Logic “0” Current Full VI 5 5 µA DIGITAL OUTPUTS 3 Logic “1” Voltage Full VI –1.1 –1.1 V Logic “0” Voltage Full VI –1.5 –1.5 V SWITCHING PERFORMANCES Propagation Delays 4 Input to Output HIGH 25 °C IV 2.5 3.5 2.5 3.5 ns Input to Output LOW 25 °C IV 2.5 3.5 2.5 3.5 ns Latch Enable to Output HIGH 25 °C IV 2.5 3.5 2.5 3.5 ns Latch Enable to Output LOW 25 °C IV 2.5 3.5 2.5 3.5 ns Dispersions 5 25 °C V 50 50 ps Latch Enable Minimum Pulsewidth 25 °C IV 2.0 3.0 2.0 3.0 ns Minimum Setup Time 25 °C IV 0.5 1.0 0.5 1.0 ns Minimum Hold Time 25 °C IV 0.5 1.0 0.5 1.0 ns POWER SUPPLY 6 Positive Supply Current (+5.0 V) Full VI 8 9 15 18 mA Negative Supply Current (–5.2 V) Full VI 15 18 31 36 mA Power Supply Rejection Ratio 7 Full VI 60 70 60 70 dB NOTES 1R S = 100 Ω. 2Input Voltage Range can be extended to –3.3 V if –V S = –6.0 V. 3Outputs terminated through 50 Ω to –2.0 V. 4Propagation delays measured with 100 mV pulse (10 mV overdrive) to 50% transition point of the output. 5Change in propagation delay from 100 mV to 1 V input overdrive. 6Supply voltages should remain stable within ± 5% for normal operation. 7Measured at ±5% of +V S and –VS. Specifications subject to change without notice. COMPARE LATCH LATCH ENABLE DIFFERENTIAL INPUT VOLTAGE 50% VOS 50% 50% tS VIN VDD tH tPW(E) tPD(E) tPD Q Q tS tH tPD tPD(E) tPW(E) VOS VOD – Minimum Setup Time – Minimum Hold Time – Input to Output Delay – LATCH ENABLE to Output Delay – Minimum LATCH ENABLE Pulsewidth – Input Offset Voltage – Overdrive Voltage Figure 1. System Timing Diagram |
Podobny numer części - AD96687BQ |
|
Podobny opis - AD96687BQ |