Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD825AR-16-REEL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD825AR-16-REEL7
Szczegółowy opis  Low Cost, General-Purpose High Speed JFET Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD825AR-16-REEL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD825AR-16-REEL7 Datasheet HTML 4Page - Analog Devices AD825AR-16-REEL7 Datasheet HTML 5Page - Analog Devices AD825AR-16-REEL7 Datasheet HTML 6Page - Analog Devices AD825AR-16-REEL7 Datasheet HTML 7Page - Analog Devices AD825AR-16-REEL7 Datasheet HTML 8Page - Analog Devices AD825AR-16-REEL7 Datasheet HTML 9Page - Analog Devices AD825AR-16-REEL7 Datasheet HTML 10Page - Analog Devices AD825AR-16-REEL7 Datasheet HTML 11Page - Analog Devices AD825AR-16-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD825
Rev. F | Page 10 of 12
DRIVING CAPACITIVE LOADS
The internal compensation of the AD825, together with its high
output current drive, permits excellent large signal performance
while driving extremely high capacitive loads.
TEKTRONIX
P6204 FET
PROBE
HP PULSE
GENERATOR
50
RIN
1k
CL
VOUT
VIN
TEKTRONIX
7A24
PREAMP
AD825
7
4
3
6
2
+VS
0.01
µF
10
µF
–VS
0.01
µF
10
µF
1k
Figure 30. Inverting Amplifier Driving a Capacitive Load
INPUT
OUTPUT
5V
5V
500ns
Figure 31. Inverting Amplifier Pulse Response
While Driving a 400 pF Capacitive Load
THEORY OF OPERATION
The AD825 is a low cost, wideband, high performance FET
input operational amplifier. With its unique input stage design,
the AD825 ensures no phase reversal, even for inputs that
exceed the power supply voltages, and its output stage is
designed to drive heavy capacitive or resistive loads with small
changes relative to no load conditions.
The AD825 (Figure 32) consists of common-drain, common-
base FET input stage driving a cascoded, common-base
matched NPN gain stage. The output buffer stage uses emitter
followers in a Class AB amplifier that can deliver large current
to the load while maintaining low levels of distortion.
POS
NEG
VNEG
VPOS
VOUT
CF
Figure 32. Simplified Schematic
The capacitor, CF, in the output stage, enables the AD825 to
drive heavy capacitive loads. For light loads, the gain of the
output buffer is close to unity, CF is bootstrapped, and not much
happens. As the capacitive load is increased, the gain of the
output buffer is decreased and the bandwidth of the amplifier is
reduced through a portion of CF adding to the dominant pole.
As the capacitive load is further increased, the amplifier’s
bandwidth continues to drop, maintaining the stability of the
AD825.
INPUT CONSIDERATION
The AD825 with its unique input stage ensures no phase
reversal for signals as large as or even larger than the supply
voltages. Also, layout considerations of the input transistors
ensure functionality even with a large differential signal.
The need for a low noise input stage calls for a larger FET
transistor. One should consider the additional capacitance that
is added to ensure stability. When filters are designed with the
AD825, one needs to consider the input capacitance (5 pF to
6 pF) of the AD825 as part of the passive network.
GROUNDING AND BYPASSING
The AD825 is a low input bias current FET amplifier. Its high
frequency response makes it useful in applications, such as
photodiode interfaces, filters, and audio circuits. When
designing high frequency circuits, some special precautions are
in order. Circuits must be built with short interconnects, and
resistances should have low inductive paths to ground. Power
supply leads should be bypassed to common as close as possible
to the amplifier pins. Ceramic capacitors of 0.1 µF are
recommended.


Podobny numer części - AD825AR-16-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD825AR-16-REEL7 AD-AD825AR-16-REEL7 Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR-16-REEL7 AD-AD825AR-16-REEL7 Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
More results

Podobny opis - AD825AR-16-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD825ARZ AD-AD825ARZ Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825 AD-AD825_15 Datasheet
319Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. G
AD825 AD-AD825 Datasheet
2Mb / 11P
   Low Cost, General Purpose High Speed JFET Amplifier
REV. C
AD825ARZ-REEL AD-AD825ARZ-REEL Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Analog Devices
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
   GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com