Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD815 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD815
Szczegółowy opis  High Output Current Differential Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD815 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD815_05 Datasheet HTML 5Page - Analog Devices AD815_05 Datasheet HTML 6Page - Analog Devices AD815_05 Datasheet HTML 7Page - Analog Devices AD815_05 Datasheet HTML 8Page - Analog Devices AD815_05 Datasheet HTML 9Page - Analog Devices AD815_05 Datasheet HTML 10Page - Analog Devices AD815_05 Datasheet HTML 11Page - Analog Devices AD815_05 Datasheet HTML 12Page - Analog Devices AD815_05 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD815
REV. C
–9–
1/2 AD815
0.1 F
10 F
+15V
562
0.1 F
10 F
7
–15V
RL = 100
100
50
VIN
PULSE
GENERATOR
TR/TF = 250ps
8
Figure 34. Test Circuit, Gain = +1
100mV
20ns
SIDE B
SIDE A
G = +1
RF = 698
RL = 100
Figure 35. 500 mV Step Response, G = +1
1V
20ns
SIDE B
SIDE A
G = +1
RF = 562
RL = 100
Figure 36. 4 V Step Response, G = +1
2V
50ns
SIDE B
SIDE A
G = +1
RF = 562
RL = 100
Figure 37. 10 V Step Response, G = +1
1/2 AD815
8
0.1 F
10 F
+15V
0.1 F
10 F
7
–15V
RL = 100
100
50
VIN
PULSE
GENERATOR
TR/TF = 250ps
RS
RF
Figure 38. Test Circuit, Gain = 1 + RF /RS
5V
100ns
SIDE B
SIDE A
G = +5
RF = 562
RL = 100
RS = 140
Figure 39. 20 V Step Response, G = +5
1/2 AD815
8
0.1 F
10 F
+15V
0.1 F
10 F
7
–15V
RL = 100
100
55
VIN
PULSE
GENERATOR
TR/TF = 250ps
562
562
Figure 40. Test Circuit, Gain = –1
100mV
20ns
SIDE B
SIDE A
G = –1
RF = 562
RL = 100
Figure 41. 500 mV Step Response, G = –1


Podobny numer części - AD815_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD815-EB AD-AD815-EB Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150-EVAL AD-AD8150-EVAL Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150AST AD-AD8150AST Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
   Crosspoint Switch
REV. A
More results

Podobny opis - AD815_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
   High Output Current Differential Driver
REV. C
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com