Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD811 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD811
Szczegółowy opis  High Performance Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD811 Arkusz danych(HTML) 4 Page - Analog Devices

  AD811_04 Datasheet HTML 1Page - Analog Devices AD811_04 Datasheet HTML 2Page - Analog Devices AD811_04 Datasheet HTML 3Page - Analog Devices AD811_04 Datasheet HTML 4Page - Analog Devices AD811_04 Datasheet HTML 5Page - Analog Devices AD811_04 Datasheet HTML 6Page - Analog Devices AD811_04 Datasheet HTML 7Page - Analog Devices AD811_04 Datasheet HTML 8Page - Analog Devices AD811_04 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD811
Rev. E | Page 4 of 20
SPECIFICATIONS
@ TA = +25°C, VS = ±15 V dc, RLOAD = 150 Ω, unless otherwise noted.
Table 1.
AD811J/A1
AD811S2
Parameter
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Small Signal Bandwidth (No Peaking)
−3 dB
G = +1
RFB = 562 Ω
±15 V
140
140
MHz
G = +2
RFB = 649 Ω
±15 V
120
120
MHz
G = +2
RFB = 562 Ω
±15 V
80
80
MHz
G = +10
RFB = 511 Ω
±15 V
100
100
MHz
0.1 dB Flat
G = +2
RFB = 562 Ω
±15
25
25
MHz
RFB = 649 Ω
±15
35
35
MHz
Full Power Bandwidth3
VOUT = 20 V p-p
±15
40
40
MHz
Slew Rate
VOUT = 4 V p-p
±15
400
400
V/µs
VOUT = 20 V p-p
±15
2500
2500
V/µs
Settling Time to 0.1%
10 V Step, AV = − 1
±15
50
50
ns
Settling Time to 0.01%
10 V Step, AV = − 1
±15
65
65
ns
Settling Time to 0.1%
2 V Step, AV = − 1
±15
25
25
ns
Rise Time, Fall Time
RFB = 649, AV = +2
±15
3.5
3.5
ns
Differential Gain
f = 3.58 MHz
±15
0.01
0.01
%
Differential Phase
f = 3.58 MHz
±15
0.01
0.01
Degree
THD @ fC = 10 MHz
VOUT = 2 V p-p, AV = +2
±15
−74
−74
dBc
Third-Order Intercept4
@ fC = 10 MHz
±15
36
36
dBm
±15
43
43
dBm
INPUT OFFSET VOLTAGE
±5 V, ±15 V
0.5
3
0.5
3
mV
TMIN to TMAX
5
5
mV
Offset Voltage Drift
5
5
µV/°C
INPUT BIAS CURRENT
−Input
±5 V, ±15 V
2
5
2
5
µA
TMIN to TMAX
15
30
µA
+Input
±5 V, ±1 5 V
2
10
2
10
µA
TMIN to TMAX
20
25
µA
TRANSRESISTANCE
TMIN to TMAX
VOUT = ±10 V
RL = ∞
±15 V
0.75
1.5
0.75
1.5
MΩ
RL = 200 Ω
±15 V
0.5
0.75
0.5
0.75
MΩ
VOUT = ±2.5 V
RL = 150 Ω
±5 V
0.25
0.4
0.125
0.4
MΩ
1 The AD811JR is specified with ±5 V power supplies only, with operation up to ±12 V.
2 See the Analog Devices military data sheet for 883B tested specifications.
3 FPBW = slew rate/(2 π VPEAK).
4 Output power level, tested at a closed-loop gain of two.


Podobny numer części - AD811_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8110 AD-AD8110 Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110-EB AD-AD8110-EB Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8110-EB AD-AD8110-EB Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results

Podobny opis - AD811_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD811 AD-AD811 Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811 AD-AD811_17 Datasheet
465Kb / 21P
   High Performance Video Op Amp
AD811 AD-AD811_15 Datasheet
624Kb / 21P
   High Performance Video Op Amp
Rev. F
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
[Old version datasheet]   Fast Settling, Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com