Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8010AR-REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8010AR-REEL
Szczegółowy opis  200 mA Output Current High-Speed Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8010AR-REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8010AR-REEL Datasheet HTML 4Page - Analog Devices AD8010AR-REEL Datasheet HTML 5Page - Analog Devices AD8010AR-REEL Datasheet HTML 6Page - Analog Devices AD8010AR-REEL Datasheet HTML 7Page - Analog Devices AD8010AR-REEL Datasheet HTML 8Page - Analog Devices AD8010AR-REEL Datasheet HTML 9Page - Analog Devices AD8010AR-REEL Datasheet HTML 10Page - Analog Devices AD8010AR-REEL Datasheet HTML 11Page - Analog Devices AD8010AR-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8010
–8–
REV. B
0
INPUT (500mV/DIV)
OUTPUT (1V/DIV)
G = +6
RF = 604
RL = 18.75
INPUT
OUTPUT
100ns
Figure 27. Overdrive Recovery; G = +6
OVERDRIVE RECOVERY
Overdrive of an amplifier occurs when the output and/or input
range are exceeded. The amplifier must recover from this over-
drive condition. As shown in Figure 27, the AD8010 recovers
within 35 ns from negative overdrive and within 75 ns from
positive overdrive.
THEORY OF OPERATION
The AD8010 is a current feedback amplifier optimized for high
current output while maintaining excellent performance with
respect to flatness, distortion and differential gain/phase. As a
video distribution amplifier, the AD8010 will drive up to 12
parallel video loads (12.5
Ω) from a single output with 0.04%
differential gain and 0.04
° differential phase errors. This means
that, unlike designs with one driver per output, any output is a
true reflection of the signal on all other outputs.
The high output current capability of the AD8010 also make it
useful in xDSL applications. The AD8010 can drive a 12.5
single-ended or 25
Ω differential load with low harmonic dis-
tortion. This makes it useful in designs that utilize a step-up
transformer to drive a twisted-pair transmission line.
To achieve these levels of performance special precautions with
respect to supply bypassing are recommended (Figure 29). This
configuration minimizes the contribution from high frequency
supply rejection to differential gain and phase errors as well as
reducing distortion due to harmonic energy in the power supplies.
RS
200
100
1
020
5
10
10
15
G = +2
G = +5
G = +1
GAIN AS SHOWN
VO = 0.2V p-p
w/
30% OVERSHOOT
VOUT
VIN
RF
RG
150
50
RS
CL
Figure 28. Capacitive Load Drive vs. Series Resistor for
Various Gains
Driving Capacitance Loads
The AD8010 was designed primarily to drive nonreactive loads.
If driving loads with a capacitive component is desired, best
frequency response is obtained by the addition of a small series
resistance as shown in Figure 28. The inset figure shows the
optimum value for RSERIES vs. capacitive load. It is worth noting
that the frequency response of the circuit when driving large
capacitive loads will be dominated by the passive roll-off of
RSERIES and CL.
LAYOUT CONSIDERATIONS
The specified high speed performance of the AD8010 requires
careful attention to board layout and component selection.
Proper RF design techniques and low-pass parasitic component
selection are necessary.
The PCB should have a ground plane covering all unused portions
of the component side of the board to provide low impedance
path. The ground plane should be removed from the area near
the input pins to reduce the parasitic capacitance.
AD8010
VIN
150
RF
RG
RT
+VS
–VS
FB
C1
+
RBT
ZO
RL
C2
+
Figure 29. Standard Noninverting Closed-Loop Configura-
tion with Recommended Bypassing Technique
The standard noninverting closed-loop configuration with the
recommended power supply bypassing technique is shown in
Figure 29. Ferrite beads (Amidon Associates, Torrance CA,
Part Number 43101) are used to suppress high frequency power
supply energy on the DUT supply lines at the DUT. C1 and C2
each represent the parallel combination of a 47
µF (16 V) tanta-
lum electrolytic capacitor, a 10
µF (10 V) tantalum electrolytic
capacitor and a 0.1
µF ceramic chip capacitor. Connect C1
from the +VS pin to the –VS pin. Connect C2 from the –VS pin
to signal ground.
The feedback resistor should be located close to the inverting
input pin in order to keep the parasitic capacitance at this node
to a minimum. Parasitic capacitances of less than 1 pF at the
inverting input can significantly affect high speed performance.
Stripline design techniques should be used for long traces
(greater than about 3 cm). These should be designed with a
characteristic impedance (ZO) of 50
Ω or 75 Ω and be properly
terminated at each end.


Podobny numer części - AD8010AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8010AR-REEL AD-AD8010AR-REEL Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8010AR-REEL7 AD-AD8010AR-REEL7 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
More results

Podobny opis - AD8010AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
   200 mA Output Current High-Speed Amplifier
REV. B
AD8010 AD-AD8010 Datasheet
164Kb / 12P
   200 mA Output Current High Speed Amplifier
REV. A
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com