Zakładka z wyszukiwarką danych komponentów |
|
AD8036AR Arkusz danych(PDF) 2 Page - Analog Devices |
|
AD8036AR Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 23 page AD8036/AD8037–SPECIFICATIONS ELECTRICAL CHARACTERISTICS REV. B –2– ( VS = 5 V; RLOAD = 100 ; AV = +1 (AD8036); AV = +2 (AD8037), VH, VL open, unless otherwise noted) AD8036A AD8037A Parameter Conditions Min Typ Max Min Typ Max Unit DYNAMIC PERFORMANCE Bandwidth (–3 dB) Small Signal VOUT ≤ 0.4 V p-p 150 240 200 270 MHz Large Signal 1 8036, VOUT = 2.5 V p-p; 8037, VOUT = 3.5 V p-p 160 195 160 190 MHz Bandwidth for 0.1 dB Flatness VOUT ≤ 0.4 V p-p 8036, RF = 140 Ω; 8037, RF = 274 Ω 130 130 MHz Slew Rate, Average +/– VOUT = 4 V Step, 10–90% 900 1200 1100 1500 V/ µs Rise/Fall Time VOUT = 0.5 V Step, 10–90% 1.4 1.2 ns VOUT = 4 V Step, 10–90% 2.6 2.2 ns Settling Time To 0.1% VOUT = 2 V Step 10 10 ns To 0.01% VOUT = 2 V Step 16 16 ns HARMONIC/NOISE PERFORMANCE 2nd Harmonic Distortion 2 V p-p; 20 MHz, RL = 100 Ω –59 –52 –52 –45 dBc RL = 500 Ω –66 –59 –72 –65 dBc 3rd Harmonic Distortion 2 V p-p; 20 MHz, RL = 100 Ω –68 –61 –70 –63 dBc RL = 500 Ω –72 –65 –80 –73 dBc 3rd Order Intercept 25 MHz 46 41 dBm Noise Figure RS = 50 Ω 18 14 dB Input Voltage Noise 1 MHz to 200 MHz 6.7 4.5 nV √Hz Input Current Noise 1 MHz to 200 MHz 2.2 2.1 pA √Hz Average Equivalent Integrated Input Noise Voltage 0.1 MHz to 200 MHz 95 60 µV rms Differential Gain Error (3.58 MHz) RL = 150 Ω 0.05 0.09 0.02 0.04 % Differential Phase Error (3.58 MHz) RL = 150 Ω 0.02 0.04 0.02 0.04 Degree Phase Nonlinearity DC to 100 MHz 1.1 1.1 Degree CLAMP PERFORMANCE Clamp Voltage Range 2 VCH or VCL ±3.3 ±3.9 ±3.3 ±3.9 V Clamp Accuracy 2 × Overdrive, V CH = +2 V, VCL = –2 V ±3 ±10 ±3 ±10 mV TMIN–TMAX ±20 ±20 mV Clamp Nonlinearity Range 3 100 100 mV Clamp Input Bias Current (VH or VL) 8036, VH, L = ±1 V; 8037, VH, L = ±0.5 V ±40 ±60 ±50 ±70 µA TMIN–TMAX ±80 ±90 µA Clamp Input Bandwidth (–3 dB) VCH or VCL = 2 V p-p 150 240 180 270 MHz Clamp Overshoot 2 × Overdrive, V CH or VCL = 2 V p-p 1 5 1 5 % Overdrive Recovery 2 × Overdrive 1.5 1.3 ns DC PERFORMANCE 4, R L = 150 Ω Input Offset Voltage 5 27 2 7 mV TMIN–TMAX 11 10 mV Offset Voltage Drift ±10 ±10 µV/°C Input Bias Current 410 3 9 µA TMIN–TMAX 15 15 µA Input Offset Current 0.3 3 0.1 3 µA TMIN–TMAX 55 µA Common-Mode Rejection Ratio VCM = ±2 V 66 90 70 90 dB Open-Loop Gain VOUT = ±2.5 V 48 55 54 60 dB TMIN–TMAX 40 46 dB INPUT CHARACTERISTICS Input Resistance 500 500 k Ω Input Capacitance 1.2 1.2 pF Input Common-Mode Voltage Range ±2.5 ±2.5 V OUTPUT CHARACTERISTICS Output Voltage Range, RL = 150 Ω±3.2 ±3.9 ±3.2 ±3.9 V Output Current 70 70 mA Output Resistance 0.3 0.3 Ω Short Circuit Current 240 240 mA POWER SUPPLY Operating Range ±3.0 ±5.0 ±6.0 ±3.0 ±5.0 ±6.0 V Quiescent Current 20.5 21.5 18.5 19.5 mA TMIN–TMAX 25 24 mA Power Supply Rejection Ratio TMIN–TMAX 50 60 56 66 d B NOTES 1See Max Ratings and Theory of Operation sections of data sheet. 2See Max Ratings. 3Nonlinearity is defined as the voltage delta between the set input clamp voltage (V H or VL) and the voltage at which VOUT starts deviating from VIN (see Figure 73). 4Measured at A V = 50. 5Measured with respect to the inverting input. Specific ations subject to change without notice. |
Podobny numer części - AD8036AR |
|
Podobny opis - AD8036AR |