Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6258 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części L6258
Szczegółowy opis  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Arkusz danych(HTML) 1 Page - STMicroelectronics

  L6258 Datasheet HTML 1Page - STMicroelectronics L6258 Datasheet HTML 2Page - STMicroelectronics L6258 Datasheet HTML 3Page - STMicroelectronics L6258 Datasheet HTML 4Page - STMicroelectronics L6258 Datasheet HTML 5Page - STMicroelectronics L6258 Datasheet HTML 6Page - STMicroelectronics L6258 Datasheet HTML 7Page - STMicroelectronics L6258 Datasheet HTML 8Page - STMicroelectronics L6258 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
L6258
PWM CONTROLLED - HIGH CURRENT
DMOS UNIVERSAL MOTOR DRIVER
PRELIMINARY DATA
ABLE TO DRIVE BOTH WINDINGS OF A BI-
POLAR STEPPER MOTOR OR TWO DC MO-
TORS
OUTPUT CURRENT UP TO 1.5A EACH
WINDING
WIDE VOLTAGE RANGE: 12V TO 45V
FOUR QUADRANT CURRENT CONTROL,
IDEAL FOR MICROSTEPPING AND DC MO-
TOR CONTROL
PRECISION PWM CONTROL
NO NEED FOR RECIRCULATION DIODES
TTL/CMOS COMPATIBLE INPUTS
CROSS CONDUCTION PROTECTION
THERMAL SHUTDOWN
DESCRIPTION
L6258 is a dual full bridge for motor control appli-
cations realized in BCD technology, with the ca-
pability of driving both windings of a bipolar step-
per motor or bidirectionally control two DC
motors.
L6258 and a few external components form a
complete control and drive circuit. It has high effi-
ciency phase shift chopping that allows a very low
current ripple at the lowest current control levels,
and makes this device ideal for steppers as well
as for DC motors.
The power stage is a dual DMOS full bridge capa-
ble of sustaining up to 45V, and includes the di-
odes for current recirculation.
The output current capability is 1.5A per winding
in continuous mode, with peak start-up current up
to 2A.
A thermal protection circuitry disables the outputs
if the chip temperature exceeds the safe limits.
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
April 2000
®
DAC
CHARGE
PUMP
VR (VDD/2)
VCP1
PH_1
I0_1
I1_1
I2_1
VREF1
TRIANGLE
GENERATOR
TRI_CAP
ERROR
AMP
+
-
VR
+
-
+
-
C
C
POWER
BRIDGE
1
TRI_0
TRI_180
TRI_180
TRI_0
DAC
PH_2
I0_2
I1_2
I2_2
VREF1
ERROR
AMP
+
-
VR
+
-
+
-
C
C
POWER
BRIDGE
2
TRI_0
TRI_180
THERMAL
PROT.
OUT1A
OUT1B
Rs
SENSE1A
VBOOT
DISABLE
VS
OUT2A
OUT2B
SENSE2A
Rs
VS
EA_IN1
EA_OUT1
GND
EA_IN2
EA_OUT2
VCP2
VDD(5V)
D96IN430D
VR GEN
INPUT
&
SENSE
AMP
CP
CFREF
CBOOT
INPUT
&
SENSE
AMP
I3_1
I3_2
SENSE1B
SENSE2B
RC2
RC1
CC1
CC2
BLOCK DIAGRAM
ORDERING NUMBER: L6258
PowerSO36
1/18


Podobny numer części - L6258

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6258 STMICROELECTRONICS-L6258 Datasheet
314Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258E STMICROELECTRONICS-L6258E Datasheet
308Kb / 31P
   PWM controlled high current DMOS universal motor driver
L6258EA STMICROELECTRONICS-L6258EA Datasheet
306Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EP STMICROELECTRONICS-L6258EP Datasheet
280Kb / 22P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
More results

Podobny opis - L6258

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6258 STMICROELECTRONICS-L6258_07 Datasheet
314Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EP STMICROELECTRONICS-L6258EP_07 Datasheet
321Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EP STMICROELECTRONICS-L6258EP Datasheet
280Kb / 22P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258EA STMICROELECTRONICS-L6258EA Datasheet
306Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258E STMICROELECTRONICS-L6258E_07 Datasheet
308Kb / 31P
   PWM controlled high current DMOS universal motor driver
L6258EXTR STMICROELECTRONICS-L6258EXTR Datasheet
305Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EX STMICROELECTRONICS-L6258EX_07 Datasheet
307Kb / 32P
   PWM controlled high current DMOS universal motor driver
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com