Zakładka z wyszukiwarką danych komponentów |
|
AD8532ARZ Arkusz danych(PDF) 9 Page - Analog Devices |
|
AD8532ARZ Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 20 page AD8531/AD8532/AD8534 Rev. F | Page 9 of 20 FREQUENCY (Hz) 140 120 40 60 80 100 20 0 –20 –40 –60 100 1k 10k 100k 1M 10M VS = 5V TA = 25°C PSSR+ PSSR– Figure 24. Power Supply Rejection vs. Frequency CAPACITANCE (pF) 50 40 30 10 20 0 10 100 1000 10000 VS = 2.7V TA = 25°C RL = 2kΩ –OS +OS Figure 25. Small Signal Overshoot vs. Load Capacitance CAPACITANCE (pF) 60 50 40 30 10 20 0 10 100 1000 10000 VS = 5V TA = 25°C RL = 2kΩ –OS +OS Figure 26. Small Signal Overshoot vs. Load Capacitance CAPACITANCE (pF) 50 40 30 10 20 0 10 100 1000 10000 VS = 5V TA = 25°C RL = 600Ω –OS +OS Figure 27. Small Signal Overshoot vs. Load Capacitance CAPACITANCE (pF) 50 40 30 10 20 0 10 100 1000 10000 VS = 2.7V TA = 25°C RL = 600Ω –OS +OS Figure 28. Small Signal Overshoot vs. Load Capacitance TEMPERATURE (°C) 0.85 0.80 0.75 0.70 0.65 0.60 0.55 0.50 0.90 –20 –40 0 20 40 60 80 VS = 5V VS = 3V Figure 29. Supply Current per Amplifier vs. Temperature |
Podobny numer części - AD8532ARZ |
|
Podobny opis - AD8532ARZ |