Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8529ARM-REEL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8529ARM-REEL
Szczegółowy opis  8 MHz Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8529ARM-REEL Arkusz danych(HTML) 1 Page - Analog Devices

  AD8529ARM-REEL Datasheet HTML 1Page - Analog Devices AD8529ARM-REEL Datasheet HTML 2Page - Analog Devices AD8529ARM-REEL Datasheet HTML 3Page - Analog Devices AD8529ARM-REEL Datasheet HTML 4Page - Analog Devices AD8529ARM-REEL Datasheet HTML 5Page - Analog Devices AD8529ARM-REEL Datasheet HTML 6Page - Analog Devices AD8529ARM-REEL Datasheet HTML 7Page - Analog Devices AD8529ARM-REEL Datasheet HTML 8Page - Analog Devices AD8529ARM-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8 MHz Rail-to-Rail
Operational Amplifiers
AD8519/AD8529
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1998–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Space-saving SC70 and SOT-23 packaging
Wide bandwidth: 8 MHz @ 5 V
Low offset voltage: 1.2 mV maximum
Rail-to-rail output swing
2.9 V/μs slew rate
Unity gain stable
Single-supply operation: 2.7 V to 12 V
APPLICATIONS
Portable communications
Microphone amplifiers
Portable phones
Sensor interface
Active filters
PCMCIA cards
ASIC input drivers
Wearable computers
Battery-powered devices
Voltage reference buffers
Personal digital assistants
PIN CONFIGURATIONS
NC
1
–IN A
2
+IN A
3
V–
4
NC
8
V+
7
OUT A
6
NC
5
AD8519
NC = NO CONNECT
Figure 1. 8-Lead SOIC (R Suffix)
OUT A 1
+IN A 3
V– 2
V+
5
–IN A
4
AD8519
Figure 2. 5-Lead SC70 and SOT-23 (KS and RJ Suffixes)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8529
Figure 3. 8-Lead SOIC and MSOP (R and RM Suffixes)
GENERAL DESCRIPTION
The AD8519 and AD8529 are rail-to-rail output bipolar
amplifiers with a unity gain bandwidth of 8 MHz and a typical
voltage offset of less than 1 mV. The AD8519 brings precision
and bandwidth to the SC70 and SOT-23 packages. The low
supply current makes the AD8519/AD8529 ideal for battery-
powered applications. The rail-to-rail output swing of the
AD8519/AD8529 is larger than standard video op amps, making
them useful in applications that require greater dynamic range
than standard video op amps. The 2.9 V/μs slew rate makes the
AD8519/AD8529 a good match for driving ASIC inputs such as
voice codecs.
The small SC70 package makes it possible to place the AD8519
next to sensors, reducing external noise pickup.
The AD8519/AD8529 is specified over the extended industrial
(−40°C to +125°C) temperature range. The AD8519 is available
in 5-lead SC70 and 5-lead SOT-23 packages, and an 8-lead
SOIC surface-mount package. The AD8529 is available in 8-lead
SOIC and 8-lead MSOP packages.


Podobny numer części - AD8529ARM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8529ARM AD-AD8529ARM Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
More results

Podobny opis - AD8529ARM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
logo
Texas Instruments
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
logo
Analog Devices
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP162 AD-OP162 Datasheet
1Mb / 16P
   15 MHz Rail-to-Rail Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com