Zakładka z wyszukiwarką danych komponentów |
|
AD8092AR Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD8092AR Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 20 page AD8091/AD8092 Rev. C | Page 7 of 20 MAXIMUM POWER DISSIPATION The maximum safe power dissipation in the AD8091/AD8092 package is limited by the associated rise in junction temperature (TJ) on the die. The plastic encapsulating the die locally reaches the junction temperature. At approximately 150°C, which is the glass transition temperature, the plastic changes its properties. Even temporarily exceeding this temperature limit may change the stresses that the package exerts on the die, permanently shifting the parametric performance of the AD8091/AD8092. Exceeding a junction temperature of 175°C for an extended period of time can result in changes in the silicon devices, potentially causing failure. The still-air thermal properties of the package (θJA), the ambient temperature (TA), and the total power dissipated in the package (PD) can be used to determine the junction temperature of the die. The junction temperature can be calculated as ( ) JA D A J θ P T T × + = The power dissipated in the package (PD) is the sum of the quiescent power dissipation and the power dissipated in the package due to the load drive for all outputs. The quiescent power is the voltage between the supply pins (VS) times the quiescent current (IS). Assuming that the load (RL) is referenced to midsupply, then the total drive power is VS/2 × IOUT, some of which is dissipated in the package and some in the load (VOUT × IOUT). The difference between the total drive power and the load power is the drive power dissipated in the package. ( ) power load power drive total power quiescent PD − + = () ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ − ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ × + × = L OUT L OUT S S S D R V R V V I V P 2 2 RMS output voltages should be considered. If RL is referenced to −VS, as in single-supply operation, then the total drive power is VS × IOUT. If the rms signal levels are indeterminate, then consider the worst case when VOUT = VS/4 for RL to midsupply () 2 4 L S S S D R V I V P ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + × = In single-supply operation with RL referenced to −VS, the worst case is VOUT = VS/2. Airflow increases heat dissipation, effectively reducing θJA. Also, more metal directly in contact with the package leads from metal traces, through holes, ground, and power planes reduces the θJA. Care must be taken to minimize parasitic capacitances at the input leads of high speed op amps as discussed in the Input Capacitance section. Figure 4 shows the maximum safe power dissipation in the package vs. the ambient temperature for the SOIC-8 (125°C/W), SOT23-5 (180°C/W), and MSOP-8 (150°C/W) on a JEDEC standard four-layer board. 2.0 0 0.5 1.0 1.5 –40 –30 –20 –10 0 10 20 30 40 50 60 70 80 90 AMBIENT TEMPERATURE (°C) TJ = 150°C MSOP-8 SOIC-8 SOT23-5 Figure 4. Maximum Power Dissipation vs. Temperature for a Four-Layer Board |
Podobny numer części - AD8092AR |
|
Podobny opis - AD8092AR |