Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6268 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części L6268
Szczegółowy opis  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6268 Arkusz danych(HTML) 3 Page - STMicroelectronics

  L6268 Datasheet HTML 1Page - STMicroelectronics L6268 Datasheet HTML 2Page - STMicroelectronics L6268 Datasheet HTML 3Page - STMicroelectronics L6268 Datasheet HTML 4Page - STMicroelectronics L6268 Datasheet HTML 5Page - STMicroelectronics L6268 Datasheet HTML 6Page - STMicroelectronics L6268 Datasheet HTML 7Page - STMicroelectronics L6268 Datasheet HTML 8Page - STMicroelectronics L6268 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PIN DESCRIPTION (Pin Types: D = Digital, P = Power, A = Analog)
N.
Name
Function
1
FCOM
Output of the Spindle zero cross or Current Sense circuit.
2
CTAP
Spindle Central Tap used for differential BEMF sensing.
3
PWM/SLEW
RC network sets the Spindle Linear Slew Rate and PWM OFF-Tim e.
4
OUT_C
Spindle DMOS Half Bridge Output and Input C for BEMF sensing.
5
I_SENSE
Input to sense the voltage the SPINDLE Sense Resistor.
6
R_SENSE
Output connection for the Motor Current Sense Resistor to ground.
7
OUT_B
Spindle DMOS Half Bridge Output and Input B for BEMF sensing.
8
GND
Spindle Ground (Substrate).
9
R_SENSE
Output connection for the Motor Current Sense Resistor to ground.
10
OUT_A
Spindle DMOS Half Bridge Output and Input A for BEMF sensing.
11
INDEX
Input to allow Spindle to be locked to Index (servo) pulse.
12
BRK_CAP
Storage Capacitor for brake circuit. typically 5.9V.
13
VCC
+12V Power Supply for Spindle Power section.
14
DGND
Digital Ground.
15
SYS_CLK
Clock Frequency for system timers and counters.
16
SDEN
Serial Data Enable. Active high input pin for the serial port enable.
17
SDATA
Serial Port Data. Input/Output pin for serial data, 8bits of instruction/address followed by 8
bits of data. Open pin is at logic low as an input.
18
SCLK
Serial Port Data Clock. Positive edge triggered clock input for the serial data.
19
VDD
Digital/Analog power supply. +5V nominally.
20
V12/2
Reference Output for VCM control loop. Typically, half of the VCC except when parking.
21
FLL_FILTER
Speed loop R/C compensation connection used for FLL mode operation.
22
VCM_CAL
VCM loop offset voltage used for calibration.
23
CP
External Main Charge Pump Capacitor, Typically, Vz+Vcc is about 17.8V
24
CS
External Charge Pump Capacitor.
25
VCC
+12V Power Supply for VCM Power section.
26
VCM_A-
VCM Power Amplifier negative output terminal.
27
SENSE_IN+
Non inverting Input of the Sense Amplifier for VCM block.
28
VCM_GND
Ground for VCM Power section.
29
SENSE_IN-
Inverting Input of the Sense Amplifier for VCM block.
30
VCM_A+
VCM Power Amplifier positive output terminal.
31
VCC
+12V Power Supply for VCM Power section.
32
FLL_RES
Resistor for setting accurate bias current sources for the chip (62K required).
33
SW1
External ISOFET driver.
34
PORB
Power on Reset Output. Low signal indicates the failure of the supplies.
35
TR_5V
Set Point Input for 5V Supply Monitor ( 2V threshold, 100mV Hysteresis)
36
POR_DELAY
Capacitor connection to set the Power on Reset Delay (3V threshold, 2
µA charging)
37
SENSE_OUT
Output of the Sense Amplifier.
38
ERROR_OUT
Output of the Error Amplifier.
39
ERROR_IN
Inverting Input of the Error Amplifier.
40
TR_12V
Set Point Input for 12V Supply Monitor (2V threshold, 100mV Hysteresis)
41
DAC
Output of the VCM DAC.
42
AGND
Analog Ground. For bang gap voltage reference.
43
VCC
+12V Power Supply for Spindle Power section.
44
SPN_COMP
External RC network that defines the compensation of the Spindle Transconductance Loop
in Linear Mode.
L6268
3/17


Podobny numer części - L6268

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
More results

Podobny opis - L6268

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
   5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
   Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
   Floppy Disk Drive Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com