Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6275 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części L6275
Szczegółowy opis  5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6275 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button L6275 Datasheet HTML 4Page - STMicroelectronics L6275 Datasheet HTML 5Page - STMicroelectronics L6275 Datasheet HTML 6Page - STMicroelectronics L6275 Datasheet HTML 7Page - STMicroelectronics L6275 Datasheet HTML 8Page - STMicroelectronics L6275 Datasheet HTML 9Page - STMicroelectronics L6275 Datasheet HTML 10Page - STMicroelectronics L6275 Datasheet HTML 11Page - STMicroelectronics L6275 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SERIAL PORT OPERATION
The serial port interface is a bi-directional port for reading and writing programming data from/to the in-
ternal registers of this device. For data transfers SDEN* is brought high, serial data is presented at the
SDATA pin, and a serial clock is applied to the SCLK pin. After the SDEN* goes high , the first 16 pulses
applied to the SCLK pin will shift the data presented at the SDATA pin into an internal shift register on
the rising edge of each clock. An internal counter prevents more than 16 bits from being shifted into the
register. The data in the shift register is latched after the 16th SCLK pulse. If less than 16 clock pulses
are provided before SDEN* goes low, the data transfer is aborted.
All transfers are shifted into the serial port LSB first. The first byte of the transfer is for R/W and address
and instruction information. The first bit is R/W instruction bit, 0 is for WRITE and 1 is for READ.
Following 7 bits are Address.
INSTRUCTION, 1 BIT
ADDRESS, 7 BITS
D98IN845
DATA, 8 BITS
SDEN
SCLK
SDATA
Figure 2. Serial Port Data Transfer Format.
INTERNAL REGISTER DEFINITION
Reg:
Name:
Type:
Address:
0
VCM DAC (High) Register
Write only
0Eh
BIT
LABEL
DESCRIPTION
0
VDAC BIT8
VCM DAC bit 8
1
VDAC BIT9
VCM DAC bit 9
2
VDAC BIT10
VCM DAC bit 10
3
VDAC BIT11
VCM DAC bit 11
4
VDAC BIT12
VCM DAC bit 12
5
VDAC BIT13
MSB resistor ladder of the 14 bit VCM DAC
6
PSM/LINEAR
Selects Voice Coil PSM or Linear Output Current Control. 1=PSM
0=Linear.
7
VCM_CAL
VCM calibration. 1 = Enables VCM control circuits and tristates
VCM power transistors.
L6275
8/17


Podobny numer części - L6275

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6270 STMICROELECTRONICS-L6270 Datasheet
72Kb / 10P
   MILLI-ACTUATOR DRIVER
L6271 STMICROELECTRONICS-L6271 Datasheet
72Kb / 10P
   MILLI-ACTUATOR DRIVER
logo
DAICO Industries, Inc.
L6278 DAICO-L6278 Datasheet
49Kb / 1P
   Broadband LNA
L6278AC DAICO-L6278AC Datasheet
49Kb / 1P
   Broadband LNA
More results

Podobny opis - L6275

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
   Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
   Floppy Disk Drive Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com