Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4728 Arkusz danych(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Numer części 1N4728
Szczegółowy opis  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4728 Arkusz danych(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  1N4728 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4728 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N4728 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BLGALAXY ELECTRICAL
Document Number 0284004
2.
www.galaxycn.com
Nominal
zener
voltage 1)
Test
current
Vz@IZT
IZT
IZT@ZZT
ZZK@IZK
(V)
(mA)
(Ω)(Ω)
1N4728
3.3
76
10
400
1N4729
3.6
69
10
400
1N4730
3.9
64
9
400
1N4731
4.3
58
9
400
1N4732
4.7
53
8
500
1N4733
5.1
49
7
550
1N4734
5.6
45
5
600
1N4735
6.2
41
2
700
1N4736
6.8
37
3.5
700
1N4737
7.5
34
4.0
700
1N4738
8.2
31
4.5
700
1N4739
9.1
28
5.0
700
1N4740
10
25
7
700
1N4741
11
23
8
700
1N4742
12
21
9
700
1N4743
13
19
10
700
1N4744
15
17
14
700
1N4745
16
15.5
16
700
1N4746
18
14
20
750
1N4747
20
12.5
22
750
1N4748
22
11.5
23
750
1N4749
24
10.5
25
750
1N4750
27
9.5
35
750
1N4751
30
8.5
40
1000
1N4752
33
7.5
45
1000
1N4753
36
7.0
50
1000
1N4754
39
6.5
60
1000
1N4755
43
6.0
70
1500
1N4756
47
5.5
80
1500
1N4757
51
5.0
95
1500
1N4758
56
4.5
110
2000
1N4759
62
4.0
125
2000
1N4760
68
3.7
150
2000
1N4761
75
3.3
175
2000
1N4762
82
3.0
200
3000
1N4763
91
2.8
250
3000
1N4764
100
2.5
350
3000
45
41
27.4
125
22.8
170
1)Based on dc_measurem ent at theral equilibrium while m aitaining the lead temperature (T
L) at 30
+1 ,9.5mm (3/8")f rom the Diode body .
2)Valid prov ided that electrodes at a distance of 10 m m f orm case kept at am bient temperature.
*)Additionnal measurem ent of v oltage gruup 9v 1 to 75 at 95% V
ZMIN
35nA at T
J25
0.5
1.0
1.0
1.0
1.0
0.5
0.5
IZK
(m A)
1.0
100
515.2
5
5
57
0.25
5
13.7
250
50
0.25
5
12.2
285
61
0.25
5
9.9
344
69
0.25
5
304
11.4
83
59.1
380
76
58.4
414
29.7
115
95
19
32.7
110
35.8
0.25
5
0.25
5
0.25
5
5
25.1
135
150
225
16.7
205
20.6
18.2
730
660
970
4
890
2
3
1
810
1260
1190
1070
1
1
1
1380
1
1.0
1.0
1.0
100
50
10
10
10
10
10
10
10
10
38
34
30
10
605
190
1
550
500
454
27
25
23
22
121
110
100
91
234
133
217
193
178
462
146
ELECTRICAL CHARACTERISTICS (TA=25 )
Type
Max surge
current
8.3ms
Maximum
regulator
current 2)
I
ZM @Tamb
=50
I
R@Tamb
=25
1.0
0.25
0.25
0.25
0.25
0.25
0.25
0.25
10
252
Maximum dynamic impedance
IR
(μA)
@VR
(mA)
(mA)
Maximum reverse
leakage current
276
(V)
0.25
0.25
5
0.25
5
5
6
7
7.6
5
18
0.25
5
42.6
80
16
0.25
5
38.8
90
14
0.25
5
51.7
65
13
0.25
5
47.1
70
12
0.25
5
62.2
55
11
0.25
5
56.0
60
0.25
5
69.2
50
0.25
5
7
9.0
45
10
9


Podobny numer części - 1N4728

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yangzhou yangjie electr...
1N4728 YANGJIE-1N4728 Datasheet
116Kb / 3P
   Zener Diodes
logo
Motorola, Inc
1N4728 MOTOROLA-1N4728 Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
1N4728 SEMTECH_ELEC-1N4728 Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
977Kb / 3P
   1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
logo
Guangdong Juxing Electr...
1N4728 JUXING-1N4728 Datasheet
1Mb / 2P
   SILICON ZENER DIODES
More results

Podobny opis - 1N4728

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com