Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ6.5A Arkusz danych(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Numer części SMAJ6.5A
Szczegółowy opis  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ6.5A Arkusz danych(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ6.5A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ6.5A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ6.5A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ6.5A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1100
10
TJ=TJ max.
8.3msSINGLEHALFSINE-MAVE
(JEDECMETHOD)
0
40
30
50
10
1000
100
10
1
0.001
0.1
0.01
1000
110
100
10,000
100
1,000
10
1.0
10
100
Bi-Directional
200
Uni-Directional
TJ=25
f=1.0MHZ
Vsig=50mVp-p
MEASURED at
STAND-OFF
VOLTAGE, VWM
150
50
100
0
01.0
2.0
tr=10 sec
3.0
4.0
PEAK VALUE
IPPM
HALF VALUE - IPP
2
PULES WIDTH (td)
is DEFINDE as the
POINT WHERE the
PEAK CURRENT
DECAYS to 50% of
IPPM
td
10/1000
µ s
WAVEFORM as
DEFINED by
R.E.A.
FIG.1 -- PEAK PULSE POWER RATING CURVE
FIG.5 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
T
A, AMBIENT TEMPERATURE.
RATINGS AND CHARACTERISTIC CURVES
SMAJ5.0---SMAJ188CA
FIG.2 -- PULSE DERATING CURVE
td, PULSEWIDTH, SEC.
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
H HHHHHHH UNIDIRECTIONAL
V(BR), BREAKDOWN VOLTAGE, V
FIG.3 -- PULSE WAVEFORM
t, TIME, ms
TL, LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60 Hz
FIG.6 -- MAXIMUM NON-REPETITIVE FORWARD
HHHH H
SURGE CURRENT UNIDIRECTIONAL ONLY
BLGALAXYELECTRICAL
Document Number 0285005
4.
100
1.0
10
0.1
0.1μs1.0μs
10μs
100μs
1ms
10ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN if FIG.3
TA=25
100
75
25
50
0
025
75
50
125
100
150
200
175
www.galaxycn.com


Podobny numer części - SMAJ6.5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SMAJ6.5A LITTELFUSE-SMAJ6.5A Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
FutureWafer Tech Co.,Lt...
SMAJ6.5A FUTUREWAFER-SMAJ6.5A Datasheet
1Mb / 12P
   400W Transient Voltage Suppression Diodes
14-Jul-2021 V 2.1
logo
Jinan Gude Electronic D...
SMAJ6.5A JGD-SMAJ6.5A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
SMAJ6.5A YFWDIODE-SMAJ6.5A Datasheet
845Kb / 4P
   Maximum Ratings and Thermal Characteristics
logo
Shenzhen Luguang Electr...
SMAJ6.5A LUGUANG-SMAJ6.5A Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
More results

Podobny opis - SMAJ6.5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com