Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28146FHZ-T7 Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL28146FHZ-T7
Szczegółowy opis  5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28146FHZ-T7 Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL28146FHZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28146FHZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28146FHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28146FHZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28146FHZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28146FHZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28146FHZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28146FHZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28146FHZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN6321.2
February 11, 2008
FIGURE 30. CMRR vs TEMPERATURE VCM = +2.5V TO -2.5V,
V+, V- = ±2.5V
FIGURE 31. PSRR vs TEMPERATURE V+, V- = ±1.2V TO ±2.75V
FIGURE 32. AVOL vs TEMPERATURE V+, V- = ±2.5V,
VO = +2V, RL= 100k
FIGURE 33. AVOL vs TEMPERATURE V+, V- = ±2.5V,
VO = +2V, RL = 1k
FIGURE 34. VOUT HIGH vs TEMPERATURE V+, V- = ±2.5V,
RL = 1k
FIGURE 35. VOUT LOW vs TEMPERATURE V+, V- = ±2.5V,
RL = 1k
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
90
95
100
105
110
115
120
125
130
135
140
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
N = 1150
90
95
100
105
110
115
120
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
N = 1150
0
500
1000
1500
2000
2500
3000
3500
4000
4500
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
N = 1150
MEDIAN
60
80
100
120
140
160
180
200
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
N = 1150
4.930
4.935
4.940
4.945
4.950
4.955
4.960
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
N = 1150
45
50
55
60
65
70
75
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
N = 1150
MEDIAN
ISL28146, ISL28246


Podobny numer części - ISL28146FHZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28146FHZ-T7 INTERSIL-ISL28146FHZ-T7 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146FHZ-T7A INTERSIL-ISL28146FHZ-T7A Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Podobny opis - ISL28146FHZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com