Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL60002CIH311Z-TK Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL60002CIH311Z-TK
Szczegółowy opis  Precision Low Power FGA??Voltage References
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002CIH311Z-TK Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL60002CIH311Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002CIH311Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002CIH311Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002CIH311Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002CIH311Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002CIH311Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002CIH311Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002CIH311Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002CIH311Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
®
FN8082.13
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
FGA is a trademark of Intersil Corporation. Copyright Intersil Americas Inc. 2004-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL60002
Precision Low Power FGA™ Voltage
References
The ISL60002 FGA™ voltage references are very high
precision analog voltage references fabricated in Intersil's
proprietary Floating Gate Analog technology and feature low
supply voltage operation at ultra-low 350nA operating
current.
Additionally, the ISL60002 family features guaranteed initial
accuracy as low as ±1.0mV and 20ppm/°C temperature
coefficient. The initial accuracy and temperature stability
performance of the ISL60002 family, plus the low supply
voltage and 350nA power consumption, eliminates the need
to compromise thermal stability for reduced power
consumption making it an ideal companion to high
resolution, low power data conversion systems.
Features
• Reference Voltages . . . 1.024V, 1.2V, 1.25V, 1.8V, 2.048V,
2.5V, 3.0V and 3.3V
• Absolute Initial Accuracy Options. . . . . . .±1.0mV, ±2.5mV
and ±5.0mV
• Supply Voltage Range
- ISL60002-10, -11, -12, -18, -20, -25 . . . . . . 2.7V to 5.5V
- ISL60002-30 . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
• Ultra-Low Supply Current . . . . . . . . . . . . . . . . . . 350nA typ
• Low 20ppm/°C Temperature Coefficient
•ISOURCE and ISINK = 7mA
•ISOURCE and ISINK = 20mA for ISL60002-33 only
• ESD Protection. . . . . . . . . . . 5500V (Human Body Model)
• Standard 3 Ld SOT-23 Packaging
• Operating Temperature Range
- ISL60002-10, -11, -12, -18, -20, -25, -30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . -40°C to +105°C
• Pb-Free Available (RoHS Compliant)
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Mobile Communications
• PDA’s and Notebooks
• Medical Systems
Pinout
ISL60002
(3 LD SOT-23)
TOP VIEW
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VIN
Power Supply Input
2
VOUT
Voltage Reference Output
3
GND
Ground
1
2
3
VOUT
GND
VIN
Data Sheet
December 17, 2007


Podobny numer części - ISL60002CIH311Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL60002CIH311Z-TK INTERSIL-ISL60002CIH311Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002CIH311Z-TK INTERSIL-ISL60002CIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002CIH311Z-TK INTERSIL-ISL60002CIH311Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002CIH311Z-TK INTERSIL-ISL60002CIH311Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002CIH311Z-TK RENESAS-ISL60002CIH311Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Podobny opis - ISL60002CIH311Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com