Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL3259E Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL3259E
Szczegółowy opis  짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3259E Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL3259E Datasheet HTML 6Page - Intersil Corporation ISL3259E Datasheet HTML 7Page - Intersil Corporation ISL3259E Datasheet HTML 8Page - Intersil Corporation ISL3259E Datasheet HTML 9Page - Intersil Corporation ISL3259E Datasheet HTML 10Page - Intersil Corporation ISL3259E Datasheet HTML 11Page - Intersil Corporation ISL3259E Datasheet HTML 12Page - Intersil Corporation ISL3259E Datasheet HTML 13Page - Intersil Corporation ISL3259E Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6587.1
February 18, 2008
AIR-GAP DISCHARGE TEST METHOD
For this test method, a charged probe tip moves toward the
IC pin until the voltage arcs to it. The current waveform
delivered to the IC pin depends on approach speed,
humidity, temperature, etc., so it is more difficult to obtain
repeatable results. The ISL3259E RS-485 pins withstand
±15kV air-gap discharges.
CONTACT DISCHARGE TEST METHOD
During the contact discharge test, the probe contacts the
tested pin before the probe tip is energized, thereby
eliminating the variables associated with the air-gap
discharge. The result is a more repeatable and predictable
test, but equipment limits prevent testing devices at voltages
higher than ±9kV. The RS-485 pins of the ISL3259E survive
±8kV contact discharges.
Hot Plug Function
When a piece of equipment powers up, there is a period of
time where the processor or ASIC driving the RS-485 control
lines (DE, RE) is unable to ensure that the RS-485 Tx and
Rx outputs are kept disabled. If the equipment is connected
to the bus, a driver activating prematurely during power-up
may crash the bus. To avoid this scenario, the ISL3259E
incorporates a “Hot Plug” function. Circuitry monitoring VCC
ensures that, during power-up and power-down, the Tx and Rx
outputs remain disabled, regardless of the state of DE and RE,
if VCC is less than ~3.2V. This gives the processor/ASIC a
chance to stabilize and drive the RS-485 control lines to the
proper states.
Data Rate, Cables, and Terminations
Twisted pair is the cable of choice for RS-485, RS-422, and
PROFIBUS networks. Twisted pair cables tend to pick up
noise and other electromagnetically induced voltages as
common mode signals, which are effectively rejected by the
differential receivers in these ICs.
According to guidelines in the RS-422 and PROFIBUS
specifications, networks operating at data rates in excess of
3Mbps should be limited to cable lengths of 100m (328 ft) or
less, and the PROFIBUS specification recommends that the
more expensive “Type A” (22AWG) cable be used. The
ISL3259E’s large differential output swing, fast transition
times, and high drive-current output stages allow operation
even at 100Mbps over standard “CAT-5” cables up to 31m
(100 ft). Figures 16 and 17 detail the ISL3259E performance
at this condition, with a 120
Ω termination resistor at both the
driver and the receiver ends. Note that the differential signal
delivered to the receiver at the end of the cable (A - B) still
exceeds 1V, so even longer cables could be driven if lower
noise margins are acceptable. Of course, jitter or some other
criteria may limit the network to shorter cable lengths than
those discussed here. If more noise margin is desired,
shorter cables may produce a larger receiver input signal.
Performance should be even better if the “Type A” cable is
utilized.
The ISL3259E may also be used at slower data rates over
longer cables, but there are some limitations. The Rx is
optimized for high speed operation, so its output may glitch if
the Rx input differential transition times are too slow.
Keeping the transition times below 500ns, (which equates to
the Tx driving a 1000’ (305m) CAT-5 cable) yields excellent
performance over the full operating temperature range.
To minimize reflections, proper termination is imperative when
using this high data rate transceiver. In point-to-point, or point-
to-multipoint (single driver on bus) networks, the main cable
should be terminated in its characteristic impedance (typically
120
Ω for “CAT-5”, and 220Ω for “Type A”) at the end farthest
from the driver. In multi-receiver applications, stubs
connecting receivers to the main cable should be kept as
short as possible. Multipoint (multi-driver) systems require that
the main cable be terminated in its characteristic impedance
at both ends. Stubs connecting a transceiver to the main cable
should be kept as short as possible.
Built-In Driver Overload Protection
As stated previously, the RS-485 specification requires that
drivers survive worst case bus contentions undamaged.
These transmitters meet this requirement via driver output
short circuit current limits, and on-chip thermal shutdown
circuitry.
The driver output stages incorporate short circuit current limiting
circuitry, which ensures that the output current never exceeds
the RS-485 specification, even at the common mode voltage
range extremes. In the event of a major short circuit condition,
the device also includes a thermal shutdown feature that
disables the drivers whenever the die temperature becomes
excessive. This eliminates the power dissipation, allowing the
die to cool. The drivers automatically reenable after the die
temperature drops about +15°. If the contention persists, the
thermal shutdown/re-enable cycle repeats until the fault is
cleared. Receivers stay operational during thermal shutdown.
FIGURE 7. HOT PLUG PERFORMANCE (ISL3259E) vs
ISL83088E WITHOUT HOT PLUG CIRCUITRY
TIME (40
μs/DIV)
VCC
2.5
5.0
2.5
5.0
RL = 1kΩ
RO
0
2.5
5.0
0
0
A
/Y
RL = 1kΩ
3.1V
3.3V
DE, DI = VCC
ISL3259E
ISL3259E
RE = GND
ISL3259E


Podobny numer części - ISL3259E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3259E INTERSIL-ISL3259E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3259E RENESAS-ISL3259E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
671Kb / 16P
   15kV ESD Protected, 100Mbps, 5V, PROFIBUS, Full Fail-safe, Transceivers
February 18, 2008
More results

Podobny opis - ISL3259E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com